Electronic Components Datasheet Search
  English  ▼

X  

SMF Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SMF
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SMF Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SMF Datasheet HTML 1Page - Sanyou Corporation Limited SMF Datasheet HTML 2Page - Sanyou Corporation Limited SMF Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Vertical quick terminal
Horizontal quick terminal
SMF
1/1
. .
(
)
A B P C B Layout bottom view
B 16A 277VAC
A 16A 277VAC
Outline Dimensions Wiring Diagram P C Board Layout unit mm
,. .
(
:
)
1(
)
A Wiring Diagram bottom view
1(
)
Wiring Diagram bottom view
B
unless otherwise specified:
if dimension
mm tolerance
mm
<1
,
: 0 .2
if dimension
mm tolerance
mm
1~5
,
:
if dimension
mm tolerance
mm
>5
,
:
Note
Extended terminal dimension is
:1.
dimension before soldering.
2.
. .
:
Tolerance of P C B Layout
mm
0.3
0.4
0.1
Typical Appliances
home appliances washing machine air conditioner microwave oven
,,
,
audio equipment monitor industrial control equipment instrument etc
,,
,
,
.
Characteristic Curves
Max Switching Power
.
Endurance Curve
Temperature Range of Coil Operation
contact voltage V
()
breaking capacity
()
kAV
ambient temperature
Dongguan Sanyou Electrical appliance Co LTD All rights of Sanyou to reserved
.,
,
3/3
()
*
()
*
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the user should
in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning,
However it is the user's responsibility to determine which product should be used only.
please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com