Electronic Components Datasheet Search
  English  ▼

X  

SRC Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SRC
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRC Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SRC Datasheet HTML 1Page - Sanyou Corporation Limited SRC Datasheet HTML 2Page - Sanyou Corporation Limited SRC Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UL,C-UL File No.:
TUV File No.:
CQC File No.:C
13002089945
. : 40045446
QC
VDE File No
Miniature
Power Relay
SRC-Series
Features
Safety Approval
● Small size (20.5x7.2x16.6mm) for high density PCB mounting.
●10A contact switching capability.
● High breakdown voltage: 4000V (between coil and contact).
SANYOU RELAYS
Relays for advanced technology
Contact Capacity
Model
Nominal switching capacity (res. load)
Max. switching current
Max. switching voltage
Max. switching power
Chara teristic Data
c
Initial contact resistance (at 6VDC 1A)
Contact material
Operate time (at nominal volt.)
Release time (at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
Silver alloy
Between open contacts:
Between coil and contact:
5
277
:100,000
A
VAC
SRC
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
Approx. 3.9 g
(at 10,800 ops./h)
(at 360 ops./h)
10~55Hz at double amplitude of 1.5 mm
10~55Hz at double amplitude of 1.5 mm
(at 20℃)
Coil Data
130%of
nominal
voltage
75%of
nominal
voltage
5%of
nominal
voltage
Approx
.
0.20W
E179745
R50252208
version:V2.3
10A
10A
2770VA
2770VA
● Compliance with RoHS and the requirements for White Goods
●
Compliance with IEC60335-1
1,000M
M . (DC500V)
Ωin
10msec. Max. (no diode)
20msec. Max. (no diode)
1.
00G Min
1.
0G Min
10,000,000(at room temperature)
7
277
:100,000
A
VAC
SRCH
AC
V
HZ min
750
50/60
1
.
AC
V
HZ min.
4,000 ,50/60
1
(at room temperature)
(at room temperature)
-40℃~+105℃ (no condensation)
100m
M
.
Ωax (1A 6VDC)


Similar Part No. - SRC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SRC MACOM-SRC Datasheet
156Kb / 1P
Specification Grade Repeat Cycle
logo
MERITEK ELECTRONICS COR...
SRC MERITEK-SRC Datasheet
474Kb / 2P
Anti-Surge Resistor
logo
Ningbo songle relay co....
SRC SONGLERELAY-SRC Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
Maxtena Inc.
SRC-01 MAXTENA-SRC-01 Datasheet
831Kb / 2P
SMALL I-BAR DSRC ANTENNA
Rev 1.1
logo
List of Unclassifed Man...
SRC-01(T)-** ETC2-SRC-01(T)-** Datasheet
232Kb / 8P
Crimping tools and machines
More results

Similar Description - SRC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com