Electronic Components Datasheet Search
  English  ▼

X  

SRC Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SRC
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRC Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SRC Datasheet HTML 1Page - Sanyou Corporation Limited SRC Datasheet HTML 2Page - Sanyou Corporation Limited SRC Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Outline Dimensions, Wiring Diagram, P.C. Board Layout (unit:mm)
Wiring Diagram (bottom view)
P.C.B. Layout (bottom view)
Unless otherwise specified:
If dimension <1mm, tolerance: 0 .2mm;
If dimension 1~5mm, tolerance: 0 .3mm;
If dimension >5mm, tolerance: 0 .4mm.
Note: 1. Extended terminal dimension is dimension before soldering.
2. Tolerance of P.C.B. layout: 0 .1mm.
Typical Applications
●●
Telecommunication equipment
Safety equipment
●●
Office equipment
Home appliances such as air conditioner, microwave oven
Characteristic Curves
Coil Temp. Rise
Percentage of Nominal Coil Voltage
AC Res. Load
DC Res. Load
Contact Voltage(V)
Max. Switching Power
Contact Current(A)
Endurance Curve
Ambient Temp.
7
277VAC Res. Load
7
6
0.8
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the user should
in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning,
However it is the user's responsibility to determine which product should be used only.
please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service.
,
Sanyou Corporation Limited All rights of Sanyou to reserved
SRC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com