Electronic Components Datasheet Search
  English  ▼

X  

SRDI-L Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SRDI-L
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRDI-L Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SRDI-L Datasheet HTML 1Page - Sanyou Corporation Limited SRDI-L Datasheet HTML 2Page - Sanyou Corporation Limited SRDI-L Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(20℃)
at
Coil Data
2/3
SRD I L
()-
CQC02001002126
Safety Approval Ratings
Approval
File No.
Approved
ratings
17A 125/250/277VAC NO
12A 250/277VAC NO
E190598
40034479
12
125/250/277
AVAC NO
17
125/250/277
AVAC NO
20
125
AVAC NO
CQC
VDE
UL CUL
/
Nominal
operating
current
10% (
)
mA
Coil
resistance
10% ( Ω)
Max.
allowable
voltage
Pick up
-
voltage
(.)
Max
Drop out
-
voltage
(.)
Min
Nominal
operating
power
Nominal
voltage
()
VDC
3
5
6
9
12
15
18
24
48
60
120.00
71.42
60.00
40.00
30.00
24.00
20.00
15.00
7.50
6.00
25
70
100
225
400
625
900
1,600
6,400
10,000
130 % of
nominal
voltage
75 % of
nominal
voltage
5%of
nominal
voltage
0.36W
12 125/250/277
,
,
A
VAC
General use NO
Resistive&
17 125/250/277
,
,
A
VAC
General use NO
Resistive&
20 125
,
,
A
VAC
General use NO
Resistive&
Tv8
SRDI -S - 1 12
D
M 2
-F - L
TypeDesignation
SRD
SRDI
:/
Number of Poles
Pole
:1-1
Contact Material:
Moveable contact
stationary contact
-
φ3.5
2 AgSnO2
2-
φ3.5
AgSnO2
6-
φ3.5
AgNi
Coil Power D
W
: -0.36
Coil Voltage VDC
(
):03, 05, 06, 09, 12, 15, 18, 24, 48, 60
6-
φ3.5
AgNi
Notes
All tationary
C ontacts pecified s
m
:(1)
:φ3.0
sN c
s
a
m
:-
withstand voltage Nil standard product
6-6000V impulse withstandard voltage
Ordering Information
Nomenclature
Insulation System
Nil Standard B Class B F Class F
:-
, -
, -
Contact Form
Nil Form C M Form A
:-
,
-
Protective Construction
S Flux proofed
: -
,SH Sealed type washable
-
L low temperature rised type
-
-6
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com