Electronic Components Datasheet Search
  English  ▼

X  

SRDI-L Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SRDI-L
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRDI-L Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SRDI-L Datasheet HTML 1Page - Sanyou Corporation Limited SRDI-L Datasheet HTML 2Page - Sanyou Corporation Limited SRDI-L Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
SRD I L
()-
60
50
40
30
20
10
12A
0
80
90
100
110 120 130
Typical Applications
Characteristic Curves
●
●●
●
Home appliances such as air conditioner, heater, etc.
Automat
Office equipment such as computer, fax machine, etc.
Automatic eletric controlled window, automotive antenna, door lock, etc.
Contact Current A
()
Endurance Curve
Contact Voltage V
()
Max Switching Power
.
Percentage of Nominal Coil Voltage
Coil Temp Rise
.
,
Sanyou Corporation Limited All rights of Sanyou to reserved
100
10
0.5
10
100
1000
AC
DC
0
100
50
10
5
0
5
10
15
P C B Layout bottom view
.. .
(
)
. . .
: 0.1
.
Tolerance of P C B layout
mm
Wiring Diagram bottom view
()
Outline Dimensions Wiring Diagram P C Board Layout unit mm
,, . .
(
:
)
Unless otherwise specified:
If dimension
mm tolerance
mm
<1
,
: 0.2
;
If dimension
mm tolerance
mm
1~5
,
: 0.3
;
If dimension
mm tolerance
mm
>5
,
: 0.4
.
Note Extended terminal dimension is dimension
:
.
before soldering
. . .
: 0.1
.
Tolerance of P C B layout
mm
30
1
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the user should
in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning,
However it is the user's responsibility to determine which product should be used only.
please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com