Electronic Components Datasheet Search
  English  ▼

X  

PFR3060CTB Datasheet(PDF) 3 Page - PFC Device Inc.

Part # PFR3060CTB
Description  30A 60V MOS Schottky Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFR3060CTB Datasheet(HTML) 3 Page - PFC Device Inc.

  PFR3060CTB Datasheet HTML 1Page - PFC Device Inc. PFR3060CTB Datasheet HTML 2Page - PFC Device Inc. PFR3060CTB Datasheet HTML 3Page - PFC Device Inc. PFR3060CTB Datasheet HTML 4Page - PFC Device Inc. PFR3060CTB Datasheet HTML 5Page - PFC Device Inc. PFR3060CTB Datasheet HTML 6Page - PFC Device Inc. PFR3060CTB Datasheet HTML 7Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Characteristics
Version 4.4
3 / 7
www.pfc-device.com
PFR3060
2. Characteristics Curves
Ratings and Characteristics Curves
( TA = 25℃ unless otherwise specified )
Figure 1: Current Derating, Case
Figure 2: Maximum Repetitive Surge Current
Figure 3: Typical Forward Voltage
Figure 4: Typical Reverse Current
Figure 5: Typical Junction Capacitance
0
5
10
15
20
0
25
50
75
100
125
150
Tc, Case Temp (oC)
0
20
40
60
80
100
120
140
160
180
200
1
10
100
Number of Cycles at 60 Hz
1
10
100
100
200
300
400
500
600
700
Vf, Instantaneous Forward Voltage (mV)
Tj=75
℃
Tj=25
℃
Tj=100
℃
Tj=125
℃
10
100
1000
10000
100000
0
5
10 15 20 25 30 35 40 45 50 55 60
VR, Reverse Voltage (Volts)
Tj=125
℃
Tj=25
℃
Tj=75
℃
Tj=100
℃
100
1000
10000
0
1
10
100
Reverse Voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com