Electronic Components Datasheet Search
  English  ▼

X  

PFR3060CTB Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFR3060CTB
Description  30A 60V MOS Schottky Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFR3060CTB Datasheet(HTML) 1 Page - PFC Device Inc.

  PFR3060CTB Datasheet HTML 1Page - PFC Device Inc. PFR3060CTB Datasheet HTML 2Page - PFC Device Inc. PFR3060CTB Datasheet HTML 3Page - PFC Device Inc. PFR3060CTB Datasheet HTML 4Page - PFC Device Inc. PFR3060CTB Datasheet HTML 5Page - PFC Device Inc. PFR3060CTB Datasheet HTML 6Page - PFC Device Inc. PFR3060CTB Datasheet HTML 7Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
30A 60V MOS Schottky Rectifier
Apr-2018
Version 4.4
1 / 7
PFC Device Corporation
PFR3060CT
PFR3060CTF
PFR3060CTI
PFR3060CTB
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
15 × 2
A
VRRM
60
V
VF@ 15A , Tj=125
oC
0.59
V, typ.
TJ Operating Junction
Temperature
-65 to +150
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PFR3060CT
TO-220AB
PFR3060CTF
ITO-220AB
PFR3060CTI
TO-262
PFR3060CTB
TO-263


Similar Part No. - PFR3060CTB

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFR3060PT PFC-PFR3060PT Datasheet
660Kb / 6P
30A 60V MOS Schottky Rectifier
PFR3060PT-L PFC-PFR3060PT-L Datasheet
660Kb / 6P
30A 60V MOS Schottky Rectifier
More results

Similar Description - PFR3060CTB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TST30U60C TSC-TST30U60C Datasheet
230Kb / 4P
30A, 60V Trench Schottky Rectifier
logo
Chip Integration Techno...
CS30S45CT-A CITC-CS30S45CT-A Datasheet
506Kb / 3P
30A MOS Schottky Rectifier
CSF30L45CT-A CITC-CSF30L45CT-A Datasheet
506Kb / 3P
30A MOS Schottky Rectifier
CSF30S60CT-A CITC-CSF30S60CT-A Datasheet
145Kb / 3P
30A MOS Schottky Rectifier
logo
PFC Device Inc.
PFR30L60CT PFC-PFR30L60CT Datasheet
774Kb / 7P
30A 60V MOS Schottky Rectifier
PFR30A60CT PFC-PFR30A60CT Datasheet
775Kb / 7P
30A 60V MOS Schottky Rectifier
PFR30L30CT PFC-PFR30L30CT Datasheet
772Kb / 7P
30A 30V MOS Schottky Rectifier
PFR30V60CT PFC-PFR30V60CT Datasheet
773Kb / 7P
30A 60V MOS Schottky Rectifier
PFR30V60PT PFC-PFR30V60PT Datasheet
663Kb / 6P
30A 60V MOS Schottky Rectifier
PFR3060PT PFC-PFR3060PT Datasheet
660Kb / 6P
30A 60V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com