Electronic Components Datasheet Search
  English  ▼

X  

MSM7712 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM7712
Description  Wireless LAN Baseband Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7712 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM7712 Datasheet HTML 12Page - OKI electronic componets MSM7712 Datasheet HTML 13Page - OKI electronic componets MSM7712 Datasheet HTML 14Page - OKI electronic componets MSM7712 Datasheet HTML 15Page - OKI electronic componets MSM7712 Datasheet HTML 16Page - OKI electronic componets MSM7712 Datasheet HTML 17Page - OKI electronic componets MSM7712 Datasheet HTML 18Page - OKI electronic componets MSM7712 Datasheet HTML 19Page - OKI electronic componets MSM7712 Datasheet HTML 20Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
s MSM7712 s –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
18
Oki Semiconductor
Synthesizer and DAC Programming
1.
RCK at 16 MHz
1.
RCK at 16 MHz.
Synthesizer Programming Timing [1]
Parameter
Description
Min.
Typ.
Max.
Symbol
tCKL
Clock low time, 8 MHz
60
62.5
65
ns
tCKH
Clock high time, 8 MHz
60
62.5
65
tD(DAT-CK)
Delay time of data from falling clock
10
-
-
tS(DAT-CK)
Setup time of data before rising edge
-
-
TCKL-TD(DAT-CK)
tD(CK-LE)
Delay time of latch enable from clock
-
-
TCKL-TD(DAT-CK)
Figure 8. Radio Control Timing
RXPHYE
TXPHYE
CSENSE
RXC1
Rx-IF
TXC1
TXC2
IFD[]
(1)
(2)
Rx-IF with Ramp Up/Down
tONRT1
tOFFT1R
tOFFT2T1
tONT1T2
tONT1IF
tOFFCST2
Figure 9. Synthesizer Programming Timing and DAC Timing
SYNLEN, DACEN
SYNCLK
SYNDAT
tCKH
tCKL
tS(DAT-CK)
tD(DAT-CK)
D[23]
D[22]
D[21]
D[1]
D[0]
tD(CK-LE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com