Electronic Components Datasheet Search
  English  ▼

X  

TPSMB47A Datasheet(PDF) 1 Page - Anova Technologies CO., LTD.

Part # TPSMB47A
Description  Surface Mount Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

TPSMB47A Datasheet(HTML) 1 Page - Anova Technologies CO., LTD.

  TPSMB47A Datasheet HTML 1Page - Anova Technologies CO., LTD. TPSMB47A Datasheet HTML 2Page - Anova Technologies CO., LTD. TPSMB47A Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPSMB Series
www.anova-semi.com
Revision: D
Feb-22 -2018
P. 1
Breakdown Voltage: 13 to 200 V
Peak Pulse Power: 600 W
●
●
●
●
●
●
●
●
●
●
●
●
●
Note:
(1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
(2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
Operating junction and storage temperature range
(VBR≤ 47V)
TJ, TSTG
- 55 to +175
°C
Operating junction and storage temperature range
(VBR > 47V)
- 55 to +150
°C
Peak forward surge current, 8.3 ms single half sine-wave
unidirectional only(2)
IFSM
100
A
Maximum instantaneous forward voltage at 25 A for
unidirectional only
VF
3.5
V
Peak pulse current with a 10/1000μs waveform(1)
IPP
See Next Table
A
Power dissipation on infinite heatsink at TL = 75 °C
PD
5.0
W
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform(1)
PPP
600
W
Maximum Ratings(TA=25℃ unless otherwise noted)
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750, method
2026
Polarity: Color band denotes cathode end
except Bipolar
Mounting position: Any
RoHS compliant
Mechanical Data
Case: Molded plastic
Very fast response time
Surface Mount
Transient Voltage Suppressors
Features
SMB/ DO-214AA
Glass passivated chip
600 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle):0.01 %
High reliability application and automotive
grade AEC Q101 qualified
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
0.148 [3.75]
0.130 [3.30]
0.191 [4.85]
0.171 [4.35]
0.087 [2.20]
0.078 [1.96]
0.096 [2.44]
0.084 [2.13]
0.012 [0.30]
0.006 [0.15]
0.059 [1.51]
0.030 [0.75]
0.008 [0.20]
0
[0.00]
0.217 [5.50]
0.201 [5.10]


Similar Part No. - TPSMB47A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
TPSMB47A LUGUANG-TPSMB47A Datasheet
835Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
TPSMB47A UNSEMI-TPSMB47A Datasheet
2Mb / 6P
13 To 200V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results

Similar Description - TPSMB47A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com