Electronic Components Datasheet Search
  English  ▼

X  

TPSMB47A Datasheet(PDF) 3 Page - Anova Technologies CO., LTD.

Part # TPSMB47A
Description  Surface Mount Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

TPSMB47A Datasheet(HTML) 3 Page - Anova Technologies CO., LTD.

  TPSMB47A Datasheet HTML 1Page - Anova Technologies CO., LTD. TPSMB47A Datasheet HTML 2Page - Anova Technologies CO., LTD. TPSMB47A Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPSMB Series
www.anova-semi.com
Revision: D
Feb-22 -2018
P. 3
Electrical Characteristics(TA=25℃ unless otherwise noted)
Uni
Bi
Min (V) Max (V) IT (mA)
TPSMB13A TPSMB13CA
13AA 13CA
12.35
13.65
1
1
11.1
32.97
18.2
TPSMB15A TPSMB15CA
15AA 15CA
14.25
15.75
1
1
12.8
28.30
21.2
TPSMB16A TPSMB16CA
16AA 16CA
15.20
16.80
1
1
13.6
26.67
22.5
TPSMB18A TPSMB18CA
18AA 18CA
17.10
18.90
1
1
15.3
23.81
25.2
TPSMB20A TPSMB20CA
20AA 20CA
19.00
21.00
1
1
17.1
21.66
27.7
TPSMB22A TPSMB22CA
22AA 22CA
20.90
23.10
1
1
18.8
19.61
30.6
TPSMB24A TPSMB24CA
24AA 24CA
22.80
25.20
1
1
20.5
18.07
33.2
TPSMB27A TPSMB27CA
27AA 27CA
25.65
28.35
1
1
23.1
16.00
37.5
TPSMB30A TPSMB30CA
30AA 30CA
28.50
31.50
1
1
25.6
14.49
41.4
TPSMB33A TPSMB33CA
33AA 33CA
31.35
34.65
1
1
28.2
13.13
45.7
TPSMB36A TPSMB36CA
36AA 36CA
34.20
37.80
1
1
30.8
12.02
49.9
TPSMB39A TPSMB39CA
39AA 39CA
37.05
40.95
1
1
33.3
11.13
53.9
TPSMB43A TPSMB43CA
43AA 43CA
40.85
45.15
1
1
36.8
10.12
59.3
TPSMB47A TPSMB47CA
47AA 47CA
44.65
49.35
1
1
40.2
9.26
64.8
TPSMB51A TPSMB51CA
51AA 51CA
48.45
53.55
1
1
43.6
8.56
70.1
TPSMB56A TPSMB56CA
56AA 56CA
53.20
58.80
1
1
47.8
7.79
77.0
TPSMB62A TPSMB62CA
62AA 62CA
58.90
65.10
1
1
53.0
7.06
85.0
TPSMB68A TPSMB68CA
68AA 68CA
64.60
71.40
1
1
58.1
6.52
92.0
TPSMB75A TPSMB75CA
75AA 75CA
71.25
78.75
1
1
64.1
5.83
103.0
TPSMB82A TPSMB82CA
82AA 82CA
77.90
86.10
1
1
70.1
5.31
113.0
TPSMB91A TPSMB91CA
91AA 91CA
86.45
95.55
1
1
77.8
4.80
125.0
TPSMB100A TPSMB100CA 100AA 100CA
95.00
105.00
1
1
85.5
4.38
137.0
TPSMB110A TPSMB110CA 110AA 110CA
104.50
115.50
1
1
94.0
3.95
152.0
TPSMB120A TPSMB120CA 120AA 120CA
114.00
126.00
1
1
102.0
3.64
165.0
TPSMB130A TPSMB130CA 130AA 130CA
123.50
136.50
1
1
111.0
3.35
179.0
TPSMB150A TPSMB150CA 150AA 150CA
142.50
157.50
1
1
128.0
2.90
207.0
TPSMB160A TPSMB160CA 160AA 160CA
152.00
168.00
1
1
136.0
2.74
219.0
TPSMB170A TPSMB170CA 170AA 170CA
161.50
178.50
1
1
145.0
2.56
234.0
TPSMB180A TPSMB180CA 180AA 180CA
171.00
189.00
1
1
154.0
2.44
246.0
TPSMB200A TPSMB200CA 200AA 200CA
190.00
210.00
1
1
171.0
2.19
274.0
Note:
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
1. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com