Electronic Components Datasheet Search
  English  ▼

X  

PCA9548APW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9548APW
Description  8-channel I2C switch with reset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9548APW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9548APW Datasheet HTML 9Page - NXP Semiconductors PCA9548APW Datasheet HTML 10Page - NXP Semiconductors PCA9548APW Datasheet HTML 11Page - NXP Semiconductors PCA9548APW Datasheet HTML 12Page - NXP Semiconductors PCA9548APW Datasheet HTML 13Page - NXP Semiconductors PCA9548APW Datasheet HTML 14Page - NXP Semiconductors PCA9548APW Datasheet HTML 15Page - NXP Semiconductors PCA9548APW Datasheet HTML 16Page - NXP Semiconductors PCA9548APW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
9397 750 13297
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 15 April 2005
13 of 25
Philips Semiconductors
PCA9548A
8-channel I2C switch with reset
10. Limiting values
[1]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS (ground = 0 V). [1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
–0.5
+7.0
V
VI
input voltage
–0.5
+7.0
V
II
input current
-
±20
mA
IO
output current
-
±25
mA
IDD
supply current
-
±100
mA
ISS
ground supply current
-
±100
mA
Ptot
total power dissipation
-
400
mW
Tstg
storage temperature
–60
+150
°C
Tamb
operating ambient temperature
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com