Electronic Components Datasheet Search
  English  ▼

X  

SY33 Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SY33
Description  Magnetic Latching Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY33 Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SY33 Datasheet HTML 1Page - Sanyou Corporation Limited SY33 Datasheet HTML 2Page - Sanyou Corporation Limited SY33 Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
●Industrial machinery
●Electrical device
Unless otherwise specified
:
If dimension
<1mm, tolerance: ±0.2mm;
If dimension
1~5mm, tolerance: ±0.3mm;
If dimension
>5mm, tolerance: ±0.4mm.
Note
: 1. Extended terminal dimension is dimension
before soldering
.
2. Tolerance of mounting holes:±0.5mm.
Typical Applications
Outline Dimensions
, Wiring Diagram,
(unit:mm)
Mounting Holes
2/2
SY
33
Mounting Holes
single coil has no PIN
2
0.6x0.6
2-Φ6.5
16
5
10
6.3
● Air conditioner and home appliances
Ordering Information
Nomenclature
Switching Capacity: 100:100A
SY
-1 12
D
M 2
-XX
33 -100
Special Parameter:Nil-Standard type,XX-Customized Requirement
R
Contact Form:M-Form A,B-FormB
Coil Power:D:Standard type -Single/Dual:2.4W/4.8W
Coil Voltage (VDC): 05 , 06 , 09 , 12 , 18,24,48
Number of Poles:1-1 Pole
Type Designation:SY
Coil Type:1-Single coil,2-Dual coils
Polarity:Nil-Positive polarity, R-Reverse polarity
33



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com