Electronic Components Datasheet Search
  English  ▼

X  

SY33 Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SY33
Description  Magnetic Latching Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY33 Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SY33 Datasheet HTML 1Page - Sanyou Corporation Limited SY33 Datasheet HTML 2Page - Sanyou Corporation Limited SY33 Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
Wiring diagram
Typical drawing
SY
33
Pin2
Pin3
Pin1
Pin2
Pin3
- VC
+ VC
+ VC
- VC
- VC
- VC
+ VC
Close
Open
Close
Open
Single coil
Dual coil
Pin2
Pin3
Pin1
Pin2
Pin3
- VC
+ VC
+ VC
- VC
- VC
+ VC
Close
Open
Close
Open
Single coil
Dual coil
+ VC
Positive polarity
Reverse polarity
Typical drawings are just for reference
, customized terminals with metering components are acceptable.
Disclaimer
:
This datasheet is just for customers
' reference. The newest specification you can get from the website of sanyourelays.
We could not evaluate all the performances and parameters for all possible applications
,
choose the suitable relay for their own application or require us to provide necessary help
.
Dongguan Sanyou Electrical appliance All rights reserved
. 
Announcements
:
1 The magnetic latching relay is to be supplied with contacts close(Operate) or contacts open(Release),
2 In order to make sure the contacts are completely closed or opened,
be the nominal operate
/release voltage,
specification but less than
1 minute.
status may got changed due to unexpected shock or vibration during delivering or mounting.
Do not apply power to Operate and Release coils at the same time
.
Note
:
Please contact us for any special requirements
.
contact statusaccording to your requirement
.
please contact Sanyou for the technical service
, however, it is the user's responsibility to determine which relay
but the contact
You can reset the
energized voltage to Operate or Release coil should
impulse width should be
5 times more than specified operate/release time in the
so the user should
If there is any query,
should be used
.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com