Electronic Components Datasheet Search
  English  ▼

X  

SYS Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SYS
Description  Subminiature Signal Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SYS Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SYS Datasheet HTML 1Page - Sanyou Corporation Limited SYS Datasheet HTML 2Page - Sanyou Corporation Limited SYS Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SANYOU RELAYS
Relays for advanced technology
(at 20℃)
SYS
1A 125VAC
1A
125VAC
125VA
2
3
5
6
9
12
24
2
3
5
6
9
12
24
75.19
50.00
30.12
25.00
16.67
12.50
6.25
100.00
66.67
40.00
33.33
22.22
16.67
8.33
26.6
60
166
240
540
960
3,840
20
45
125
180
405
720
2,880
0.20W
0.15W
Features
Safety Approval
UL,C-UL File No.: E179745
CQC File No.:CQC09002030315
Model
Nominal switching capacity (res. load)
Max. switching current
Max. switching voltage
Max. switching power
Contact Capacity
Contact material
Initial contact resistance (at 6VDC 1A)
Operate time (at nominal volt.)
Release time (at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
Charateristic Data
Silver alloy
100m
Max.
5msec. Max.
5msec. Max.
100M
Min.(DC500V)
Between open contacts: A C 5 0 0 V,50/60Hz 1min.
Between coil and contact: AC1,000V,50/60Hz 1min.
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
-30℃~+55℃ (no condensation)
Approx. 2.1 g
Ω
Ω
(at 10,800 ops./h)
(at 1,800 ops./h)
10~55Hz at double amplitude of 1.5 mm
10~55Hz at double amplitude of 1.5 mm
10G Min.
50G Min.
10,000,000
100,000
Nominal
operati ng
current
1 0% (mA)
Coil
resistance
1 0% Ω
()
Max.
allowable
voltage
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
(VDC)
Coil Data
SYS-Series
●
●
Designed for thermostat, modem, computer peripherals,
video recorder and security application.
High sensitive: 150mW.
130 % of
nominal
voltage
75 % of
nominal
voltage
130 % of
nominal
voltage
75 % of
nominal
voltage
5 % of
nominal
voltage
5 % of
nominal
voltage
Subminiature
Signal Relay
1/ 3
version:V1.3


Similar Part No. - SYS

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
SYS-110P-WR SUPERMICRO-SYS-110P-WR Datasheet
497Kb / 2P
UP SuperServer SYS-110P-WR
SYS-110P-WTR SUPERMICRO-SYS-110P-WTR Datasheet
423Kb / 2P
UP SuperServer SYS-110P-WTR
SYS-110T-M SUPERMICRO-SYS-110T-M Datasheet
601Kb / 2P
UP SuperServer SYS-110T-M
SYS-111C-NR SUPERMICRO-SYS-111C-NR Datasheet
496Kb / 3P
UP SuperServer SYS-111C-NR
SYS-111E-WR SUPERMICRO-SYS-111E-WR Datasheet
498Kb / 2P
UP SuperServer SYS-111E-WR
More results

Similar Description - SYS

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD4 HONGFA-HFD4 Datasheet
198Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com