Electronic Components Datasheet Search
  English  ▼

X  

SYS Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SYS
Description  Subminiature Signal Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SYS Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SYS Datasheet HTML 1Page - Sanyou Corporation Limited SYS Datasheet HTML 2Page - Sanyou Corporation Limited SYS Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CQC
UL/CUL
E179745
SYS
CQC09002030315
0.5 A 125VAC
1A 125VAC
1A 30VDC
SYS -S
-1
12
D
-F -XX
Approval
File No.
Approved ratings
Safety Approval Ratings
Ordering Information
(
:
,
)
Note More detail of approval ratings please refer to the safety certification
Nomenclature
Outline Dimensions, Wiring Diagram, P.C. Board Layout (unit:mm)
Wiring Diagram (bottom view)
Unless otherwise specified:
If dimension <1mm, tolerance: 0 .2mm;
If dimension 1~5mm, tolerance: 0 .3mm;
If dimension >5mm, tolerance: 0 .4mm.
Note: 1. Extended terminal dimension is
dimension before soldering.
2. Tolerance of P.C.B. layout: 0 .1mm.
P.C.B. Layout (bottom view)
Special Parameter: Nil-Standard type
Letter or number-Special requirement
Insulation System: Nil-Standard, B-Class B, F-Class F
Coil Power: D-0.20W, L-0.15W
Coil Voltage (VDC): 02, 03, 05, 06, 09, 12, 24
Number of Poles: 1-1 Pole
Protective Construction: S-Flux proofed, SH-Sealed type washable
Type Designation: SYS
6-Ф1
2.54
7.62
bottom view
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com