Electronic Components Datasheet Search
  English  ▼

X  

MSM7717 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7717
Description  Single Rail CODEC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7717 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7717 Datasheet HTML 1Page - OKI electronic componets MSM7717 Datasheet HTML 2Page - OKI electronic componets MSM7717 Datasheet HTML 3Page - OKI electronic componets MSM7717 Datasheet HTML 4Page - OKI electronic componets MSM7717 Datasheet HTML 5Page - OKI electronic componets MSM7717 Datasheet HTML 6Page - OKI electronic componets MSM7717 Datasheet HTML 7Page - OKI electronic componets MSM7717 Datasheet HTML 8Page - OKI electronic componets MSM7717 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
¡ Semiconductor
MSM7717-01/02/03
4/19
PIN AND FUNCTIONAL DESCRIPTIONS
AIN+, AIN–, GSX
Transmit analog input and transmit level adjustment.
AIN+ is a non-inverting input to the op-amp; AIN– is an inverting input to the op-amp; GSX is
connected to the output of the op-amp.
The level adjustment should be performed in any method shown below. When not using AIN–
and AIN+, connect AIN– to GSX and AIN+ to SG. During power-saving and power-down
modes, the GSX output is at AG voltage.
AG
Analog signal ground.
VFRO
Receive filter output.
The output signal has an amplitude of 2.0 VPP above and below the signal ground voltage (SG)
when the digital signal of +3 dBm0 is input to PCMIN and can drive a load of 20 kW or more.
For driving a load of less than 20 kW, connect a resistor of 20 kW or more between the pins VFRO
and PWI.
During power-saving mode this output is in a high impedance state, and during power-down
mode, the VFRO output is at an SG level.
When adjusting the receive signal on the basis of frequency characteristics, refer to the Frequency
Characteristics Adjustment Circuit.
–
+
AIN–
AIN+
C1
Analog input
1) Inverting input type
R1 : variable
R2 > 20 kW
C1 > 1/(2 ¥ 3.14 ¥ 30 ¥ R1) (F)
Gain = R2/R1 < 10
R2
GSX
SG
+
–
AIN+
AIN–
2) Noninverting input type
R3 > 20 kW
R4 > 20 kW
R5 > 50 kW
C2 > 1/ (2 ¥ 3.14 ¥ 30 ¥ R5) (F)
Gain = 1 + R4 / R3 £ 10
R4
GSX
SG
C2
Analog input
R3
R5
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com