Electronic Components Datasheet Search
  English  ▼

X  

MSM7717 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7717
Description  Single Rail CODEC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7717 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7717 Datasheet HTML 4Page - OKI electronic componets MSM7717 Datasheet HTML 5Page - OKI electronic componets MSM7717 Datasheet HTML 6Page - OKI electronic componets MSM7717 Datasheet HTML 7Page - OKI electronic componets MSM7717 Datasheet HTML 8Page - OKI electronic componets MSM7717 Datasheet HTML 9Page - OKI electronic componets MSM7717 Datasheet HTML 10Page - OKI electronic componets MSM7717 Datasheet HTML 11Page - OKI electronic componets MSM7717 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
¡ Semiconductor
MSM7717-01/02/03
8/19
SG
Signal ground voltage output.
The output voltage is 1/2 of the power supply voltage.
The output drive current capability is
±200 mA.
This pin provides the SG level for CODEC peripherals.
This output voltage level is undefined during power-saving or power-down mode.
SGC
Used to generate the signal ground voltage level by connecting a bypass capacitor.
Connect a 0.1 mF capacitor with excellent high frequency characteristics between the AG pin and
the SGC pin.
ALAW
Control signal input of the companding law selection.
Only the MSM7717-01GS-K/7717-01MS-K has this pin. The CODEC will operate in the m-law
when this pin is at a logic "0" level and the CODEC will has this pin operate in the A-law when
this pin is at a logic "1" level. The CODEC operates in the m-law if the pin is left open, since the
pin is internally pulled down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com