Electronic Components Datasheet Search
  English  ▼

X  

DAD3231 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DAD3231
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3231 Datasheet(HTML) 1 Page - DISCO Corporation

  DAD3231 Datasheet HTML 1Page - DISCO Corporation DAD3231 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A Diverse Lineup for a Variety of Processing Applications
DAD3221 and 3231 are single-spindle dicing saws capable of supporting a maximum
ø6-inch workpieces. DAD3221 is the standard model of semi-automatic dicing saws for
ø6-inch workpieces and has a space-saving design of 490 mm x 870 mm (width x depth),
achieving the world’s smallest footprint.
DAD3231, designed for high performance and expandability, just like the conventional
DAD3230, satisfies a wide range of needs, including electronic component materials
such as glasses and ceramics. DAD3231 is also capable of handling workpieces up to a
maximum of ø8 inches through optional specification, allowing it to flexibly support the
processing of special-size workpieces.
Combining Miniaturization with Higher Axis and
Communication Speeds
Footprints smaller than the conventional equipment have been achieved in both
DAD3221 and 3231. In addition, there have been improvements not only in the return
speed of the processing axes, but also in the acceleration and deceleration
characteristics. Furthermore, by employing a high-speed communication method,
reduced cutting time has also achieved.
As with conventional equipment, automatic alignment, automatic focusing, automatic kerf
checking, and other image recognition functions have been installed as the standard
functions, minimizing operator man-hours. The high-torque 2.0 kW spindle is standard on
every model, and the 1.8 kW spindle with a high-speed rotation is also available as an
optional specification.
DAD3221/3231
Evolutionary Compact Dicing Saws for ø6-inch Workpieces
Automatic Dicing Saw
Special Features of Each Model
- DAD3221
is extremely compact with the world’s smallest footprint (According research
by DISCO Corporation).
- DAD3231 features an expandable design, making it ideal for customization.
DAD3231
DAD3221


Similar Part No. - DAD3231

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD323 DISCO-DAD323 Datasheet
548Kb / 2P
Automatic Dicing Saw
DAD3230 DISCO-DAD3230 Datasheet
213Kb / 2P
Automatic Dicing Saw
More results

Similar Description - DAD3231

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD323 DISCO-DAD323 Datasheet
548Kb / 2P
Automatic Dicing Saw
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3220 DISCO-DAD3220 Datasheet
213Kb / 2P
Automatic Dicing Saw
DAD3240 DISCO-DAD3240 Datasheet
479Kb / 2P
Automatic Dicing Saw
DAD3241 DISCO-DAD3241 Datasheet
499Kb / 2P
Automatic Dicing Saw
DAD3350 DISCO-DAD3350 Datasheet
473Kb / 2P
Automatic Dicing Saw
DAD3360 DISCO-DAD3360 Datasheet
676Kb / 2P
Automatic Dicing Saw
DAD3650 DISCO-DAD3650 Datasheet
217Kb / 2P
Automatic Dicing Saw
DAD3651 DISCO-DAD3651 Datasheet
466Kb / 2P
Automatic Dicing Saw
DAD3660 DISCO-DAD3660 Datasheet
207Kb / 2P
Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com