Electronic Components Datasheet Search
  English  ▼

X  

DAD3240 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DAD3240
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3240 Datasheet(HTML) 1 Page - DISCO Corporation

  DAD3240 Datasheet HTML 1Page - DISCO Corporation DAD3240 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact and easy-to-use automatic dicing
saw for ø8-inch wafers
The DAD3240 is a distinctly compact manual dicing saw with support for
ø8-inch workpieces at a width of only 650 mm. The DAD3240 realizes the
world’s smallest class footprint as ø8-inch dicing saw.
Enhanced ease of use
•The same operating system as the DAD3350 which is a bestselling
manual dicing saw for ø8-inch workpieces.
•An automatic alignment function is available which is firmly established in the
DAD3000 series.
•Realizes intuitive operation using a 15-inch LCD touch panel and GUI
(graphical user interface)
DAD3240
Compact automatic dicing saw with ultimate usability
Automatic Dicing Saw
High processability
Thanks to the high-output 1.8 kW spindle, the DAD3240 can handle difficult-to-
cut materials from silicon to ceramics.
Easy operation
Adopting the common operating system of the DAD3000 series, which has an
established reputation for intuitive operation, promises easy operation for not
only to customers using existing models including the DAD3350, but also to
first time customers.
Top menu
Stop correction screen


Similar Part No. - DAD3240

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3241 DISCO-DAD3241 Datasheet
499Kb / 2P
Automatic Dicing Saw
More results

Similar Description - DAD3240

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD323 DISCO-DAD323 Datasheet
548Kb / 2P
Automatic Dicing Saw
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3220 DISCO-DAD3220 Datasheet
213Kb / 2P
Automatic Dicing Saw
DAD3221 DISCO-DAD3221 Datasheet
308Kb / 2P
Automatic Dicing Saw
DAD3241 DISCO-DAD3241 Datasheet
499Kb / 2P
Automatic Dicing Saw
DAD3350 DISCO-DAD3350 Datasheet
473Kb / 2P
Automatic Dicing Saw
DAD3360 DISCO-DAD3360 Datasheet
676Kb / 2P
Automatic Dicing Saw
DAD3650 DISCO-DAD3650 Datasheet
217Kb / 2P
Automatic Dicing Saw
DAD3651 DISCO-DAD3651 Datasheet
466Kb / 2P
Automatic Dicing Saw
DAD3660 DISCO-DAD3660 Datasheet
207Kb / 2P
Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com