Electronic Components Datasheet Search
  English  ▼

X  

DAD3240 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DAD3240
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3240 Datasheet(HTML) 2 Page - DISCO Corporation

  DAD3240 Datasheet HTML 1Page - DISCO Corporation DAD3240 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automatic Dicing Saw
DAD3240
2016.11
Specifications
High maintainability
Built-in microscope with a lens shutter and scope blow function
reduces maintenance frequency, which increases the utilization rate.
Environmentally-conscious design
The DAD3240 is a green procurement compliant product, which
means it does not contain the 15 hazardous chemical substances
listed in the “List of DISCO Restricted Substances” and the six
substances specified in the EU RoHS Directive.
* A green procurement compliant product refers to products that satisfy DISCO's
green procurement standards and conforms to EU RoHS Directives.
Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating: 0.01μm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
www.disco.co.jp
Unit
-
Max. φ
8” (□8”/DPR).
Cutting range
mm
210
Cutting speed
mm/sec
0.1 - 600
Cutting range
mm
210
Index step
mm
0.0001
Index positioning accuracy
mm
0.003/210
(Single error)0.002/5
Max. stroke
mm
32.2
Moving resolution
mm
0.00005
Repeatability accuracy
mm
0.001
θ-axis Max. rotating angle
deg
320
Output
kW
1.8
Rated torque
N・m
0.29
Revolution speed range
min
-1
6,000 - 60,000
mm
650 × 950 × 1,600
kg
Approx.530
Machine weight
Y-axis
Machine dimensions(W×D×H)
Z-axis
Spindle
Specification
X-axis
Workpiece size



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com