Electronic Components Datasheet Search
  English  ▼

X  

DAD3360 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DAD3360
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3360 Datasheet(HTML) 1 Page - DISCO Corporation

  DAD3360 Datasheet HTML 1Page - DISCO Corporation DAD3360 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Exceptional processing flexibility
While offering an even more compact footprint than the existing DAD3350,
workpieces of sizes up to 300 mm are now supported. Furthermore, a high
output 1.8 kW spindle is now available as a standard option. The DAD3360 can
cut not only silicon wafers, but also products of a variety of sizes and materials,
such as large package substrates, electronic parts including SAW filters, and
more.
A wide selection of options
Like its predecessors, the DAD3360 has a wide selection of options available to
improve processing quality, to reduce running cost, and to improve its ability to
process hard-to-cut materials.
DAD3360
Ø300 mm manual dicer to meet a variety of needs
Automatic Dicing Saw
Principal options
2.2 kW spindle
A high torque and high rigidity 2.2 kW spindle can be selected as an
option which offers a maximum ø5-inch blade size and makes
processing applications which require a heavy load on the blade
possible. This includes processing of fused quartz, ceramics and other
hard to cut materials, processing workpieces with a thickness of more
than 3 mm, and grooving with a thick blade.
Measurement alignment
Aligns the substrate using multiple alignment points to allow for high
precision even when processing substrates made of materials such as
resin which have irregular expansion and contraction
Multiple workpiece mounting
Multi-wafer support gives the DAD3360 the ability to process multiple
package substrates on one tape frame (supports a maximum of 16
wafers)
撮影した3360写真
Measurement alignment
Multiple workpiece mounting
Ø5-inch blade


Similar Part No. - DAD3360

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD3350 DISCO-DAD3350 Datasheet
473Kb / 2P
Automatic Dicing Saw
More results

Similar Description - DAD3360

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD323 DISCO-DAD323 Datasheet
548Kb / 2P
Automatic Dicing Saw
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3220 DISCO-DAD3220 Datasheet
213Kb / 2P
Automatic Dicing Saw
DAD3221 DISCO-DAD3221 Datasheet
308Kb / 2P
Automatic Dicing Saw
DAD3240 DISCO-DAD3240 Datasheet
479Kb / 2P
Automatic Dicing Saw
DAD3241 DISCO-DAD3241 Datasheet
499Kb / 2P
Automatic Dicing Saw
DAD3350 DISCO-DAD3350 Datasheet
473Kb / 2P
Automatic Dicing Saw
DAD3650 DISCO-DAD3650 Datasheet
217Kb / 2P
Automatic Dicing Saw
DAD3651 DISCO-DAD3651 Datasheet
466Kb / 2P
Automatic Dicing Saw
DAD3660 DISCO-DAD3660 Datasheet
207Kb / 2P
Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com