Electronic Components Datasheet Search
  English  ▼

X  

DAD3360 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DAD3360
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3360 Datasheet(HTML) 2 Page - DISCO Corporation

  DAD3360 Datasheet HTML 1Page - DISCO Corporation DAD3360 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automatic Dicing Saw
DAD3360
Specifications
2016.11
Manual alignment screen
Top menu
High throughput and high stability processing
Stable processing is maintained due to the use of a bridge-type frame
structure, which is highly effective at suppressing thermal expansion
and vibrations, to provide the forward support for the spindle.
Additionally, this allows the movement speed of each axis to be
increased to provide high processing throughput.
User friendliness
An LCD touch panel with a GUI (graphical user interface) is included.
Processing conditions, equipment status, and more is all presented
visually. Operating the equipment is simple and needs nothing more
than a simple touch of the icons on the interface.
In addition, XIS mode (Extended Interface System mode) which is a
feature of the DFD6000 series is included as a standard option.
Commonly used features such as light level adjustment, focus
adjustment, and screen movement are all gathered on one screen
providing a boost to efficiency.
Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating:
0.01μm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20
- 25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
• The machines should be used in an environment, free from external vibration. Do not install
machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with
sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
Dicing position
Load/unload position
Bridge-type frame
structure
www.disco.co.jp
Unit
1.8kW
2.2kW
-
Cutting range
mm
Cutting speed
mm/sec
Cutting range
mm
Index step
mm
Index positioning accuracy
mm
Max. stroke
mm
32.2
31.4
Moving resolution
mm
Repeatability accuracy
mm
θ-axis Max. rotating angle
deg
Rated torque
N・m
0.29
0.7
Revolution speed range
min
-1
6,000-60,000
3,000-30,000
mm
kg
Approx.1,100
0.002/310
(Single error)0.002/5
0.00005
0.001
880 × 1,000 × 1,800
Specification
φ 300 (□250/DPR)
X-axis
310
0.1 – 1,000
Workpiece size
Machine weight
Y-axis
Machine dimensions(W×D×H)
Z-axis
Spindle
310
0.0001
320



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com