Electronic Components Datasheet Search
  English  ▼

X  

RFM75P Datasheet(PDF) 17 Page - HOPE Microelectronics CO., Ltd.

Part # RFM75P
Description  Low Power High Performance GFSK Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM75P Datasheet(HTML) 17 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM75P Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM75P Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM75P Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM75P Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM75P Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RFM75P Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RFM75P Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RFM75P Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RFM75P Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
E‐mail:sales@hoperf.com
website://www.hoperf.com
Page 17 of 26
RFM75P V1.1
1: Register bank 1
RX_DR
6
0
R/W
Data Ready RX FIFO interrupt
Asserted when new data arrives RX FIFO
Write 1 to clear bit.
TX_DS
5
0
R/W
Data Sent TX FIFO interrupt
Asserted when packet transmitted on
TX. If AUTO_ACK is activated, this bit is set
high only when ACK is received.
Write 1 to clear bit.
MAX_RT
4
0
R/W
Maximum number of TX retransmits
interrupt
Write 1 to clear bit. If MAX_RT is
asserted it must be cleared to
enable further communication.
RX_P_NO
3:1
111
R
Data pipe number for the payload
available for reading from RX_FIFO
000-101: Data Pipe Number
110: Not used
111: RX FIFO Empty
TX_FULL
0
0
R
TX FIFO full flag.
1: TX FIFO full
0: Available locations in TX FIFO
08
OBSERVE_TX
Transmit observe register
PLOS_CNT
7:4
0000
R
Count lost packets. The counter is
overflow protected to 15, and
discontinues at max until reset. The
counter is reset by writing to RF_CH.
ARC_CNT
3:0
0000
R
Count retransmitted packets. The counter
is reset when transmission of a new
packet starts.
09
CD
Reserved
7:1
000000
R
CD
0
0
R
Carrier Detect
0A
RX_ADDR_P0
39:0
0xE7E7E
7E7E7
R/W
Receive address data pipe 0. 5 Bytes
maximum length. (LSB byte is written first.
Write the number of bytes defined by
SETUP_AW)
0B
RX_ADDR_P1
39:0
0xC2C2C
2C2C2
R/W
Receive address data pipe 1. 5 Bytes
maximum length. (LSB byte is written first.
Write the number of bytes defined by
SETUP_AW)
0C
RX_ADDR_P2
7:0
0xC3
R/W
Receive address data pipe 2. Only LSB
MSB bytes is equal to
RX_ADDR_P1[39:8]
0D
RX_ADDR_P3
7:0
0xC4
R/W
Receive address data pipe 3. Only LSB
MSB bytes is equal to
RX_ADDR_P1[39:8]
0E
RX_ADDR_P4
7:0
0xC5
R/W
Receive address data pipe 4. Only LSB.
MSB bytes is equal to
RX_ADDR_P1[39:8]
0F
RX_ADDR_P5
7:0
0xC6
R/W
Receive address data pipe 5. Only LSB.
MSB bytes is equal to
RX_ADDR_P1[39:8]
10
TX_ADDR
39:0
0xE7E7E
7E7E7
R/W
Transmit address. Used for a PTX device
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com