Electronic Components Datasheet Search
  English  ▼

X  

DAD3660 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DAD3660
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3660 Datasheet(HTML) 1 Page - DISCO Corporation

  DAD3660 Datasheet HTML 1Page - DISCO Corporation DAD3660 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Support for workpiece sizes up to 360 × 360 mm
By selecting a user-specified dicing frame or jig table, the DAD3660 can support dicing for large
packaging substrates including Fan-out WLP.
Support for multiply mounted packaging substrates
The DAD3360 can process multiple packaging substrates mounted on the same tape frame. This
improves productivity through a reduction in the workpiece replacement time and dicing tape costs.
Improved throughput
With dual cut, a cutting mode where the dicer performs dicing with both spindles at the same time,
throughput can be improved by up to 90% compared to conventional equipment (DAD3350, single
axis dicer with ø300 mm support as a user-specified specification). *Throughput varies depending on
workpiece size and processing conditions.
Stabilization of processing quality
By selecting the sub-chuck table specification, blade dress is possible during processing (supports
full size dresser boards, 75 x 75 mm). This mid-process blade dress can help to stabilize process
quality when processing hard and brittle materials, such as glass substrates, and ductile materials,
including resin and metal, which often cause blade loading.
DAD3660
Dual spindle automatic dicing saw for large packaging substrates
Automatic Dicing Saw
Measurement alignment
For resin substrates and other materials which have irregular expansion, performing
alignment at multiple locations can help to maintain high accuracy processing.
2.2 kW spindle
By selecting the high torque and rigidity 2.2 kW spindle, high load processing, including
the grooving of hard and brittle materials, such as glass or ceramics, and grooving
using thick blades can be supported.
Dicing tape
Example of a multiple workpiece mounting process
(Substrate size = 75 mm × 250 mm)
Larger tape frame
Conventional frame for
φ
300 mm wafers
[Example] Four-piece mounting using
a dedicated package frame
Cut line
Measurement
alignment
Standard
alignment


Similar Part No. - DAD3660

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD3661 DISCO-DAD3661 Datasheet
465Kb / 2P
Automatic Dicing Saw
More results

Similar Description - DAD3660

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD323 DISCO-DAD323 Datasheet
548Kb / 2P
Automatic Dicing Saw
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3220 DISCO-DAD3220 Datasheet
213Kb / 2P
Automatic Dicing Saw
DAD3221 DISCO-DAD3221 Datasheet
308Kb / 2P
Automatic Dicing Saw
DAD3240 DISCO-DAD3240 Datasheet
479Kb / 2P
Automatic Dicing Saw
DAD3241 DISCO-DAD3241 Datasheet
499Kb / 2P
Automatic Dicing Saw
DAD3350 DISCO-DAD3350 Datasheet
473Kb / 2P
Automatic Dicing Saw
DAD3360 DISCO-DAD3360 Datasheet
676Kb / 2P
Automatic Dicing Saw
DAD3650 DISCO-DAD3650 Datasheet
217Kb / 2P
Automatic Dicing Saw
DAD3651 DISCO-DAD3651 Datasheet
466Kb / 2P
Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com