Electronic Components Datasheet Search
  English  ▼

X  

DAD3660 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DAD3660
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3660 Datasheet(HTML) 2 Page - DISCO Corporation

  DAD3660 Datasheet HTML 1Page - DISCO Corporation DAD3660 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automatic Dicing Saw
DAD3660
Easy operation
User friendly
A 19-inch large monitor and large buttons provide ease of use.
Condition monitoring functions
Monitoring of utilities, spindle current and more
Operator assist functions
- Auto-alignment
By performing teach (procedure to register the cutting position) in
advance for each device, auto-alignment is possible by only selecting
the device data.
- Kerf checking
Automatic measurement of cut line deviations and kerf width to
manage cut quality.
Efficient use of space
Auxiliary equipment (UPS, transformer for use outside of Japan, CO2
injector, booster pump unit) has typically been external, but the
DAD3660 allows many of these units to be installed internally to save
space.
Large 19-inch monitor
Specification
Unit
1.8kW
2.2kW (option)
-
Cutting range
mm
Cutting speed
mm/sec
Cutting range
mm
Index step
mm
Index positioning accuracy
mm
Max. stroke
mm
Moving resolution
mm
32.2
31.4
Repeatability accuracy
mm
θ-axis
Max. rotating angle
mm
Output
deg
Rated torque
N・m0.29
0.70
Revolution speed range
min
-1
6,000-60,000
3,000-30,000
mm
kg
Spindle
0.003/260
(Single error)0.002/5
Approx.1,500
0.00005
0.001
320
Machine dimensions (W×D×H)
Z-axis
0.0001
Y-axis
Specifecation
X-axis
Workpiece size
0.1 ~ 1,000
φ300
(360 mm square: DPR)
400
Machine weight
1,350×1,200×1,890
400
2015.3
Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating: 0.01μm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
www.disco.co.jp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com