Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1011 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXCT1011
Description  High-side low drift current monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1011 Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXCT1011 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 6Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 7Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXCT1011
Issue 1- July 2005
7
www.zetex.com
© Zetex Semiconductors plc 2005
Application information (cont.)
Minimum operating voltage
The minimum operating voltage of the ZXCT1011 is 2.5V and is defined as the difference between
Vsense+ and the Iout pin. It must be ensured that sufficient headroom is given for the operation of
the device when considering Rout.
Figure 2
Considerations for supply rail
Voltage across device 2.5V
Vin - Vout 2.5V
Where Vout = Iout x Rout
At low supply voltages and high Vsense measurements, special care must be taken to ensure the
correct operation.
The circuit in figure 2.0 shows a ZXCT1011 operating from 10V supply rail.
The minimum
operating voltage of the ZXCT1011 is 2.5V. This allows a maximum output voltage of 7.5V to be
set at Vout. A 3k resistor on the output would draw a maximum 2.5mA from Iout. - See minimum
usable supply voltage graph on page 4.
Vsense+
ZXCT
1011
sense-
V
Vin
R sense
load
To
I out
2
5
4
3.3K
Vout
Rshunt
3
R
Rshunt
120R
= 10V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com