Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1011 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXCT1011
Description  High-side low drift current monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1011 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXCT1011 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 6Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 7Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXCT1011
Issue 1- July 2005
6
www.zetex.com
© Zetex Semiconductors plc 2005
A 1 ampere load current is to be measured into a battery. The output signal required to an over
current controller needs to be 3.3V. What is a suitable value of Rout and what will the error due
to the supply current be?
Vin = 5.0V - 9.0V
Iload = 1.0A
Output signal required: 3.3V
Figure 1
ZXCT1011 to measure a 1.0 A load current
To obtain the highest accuracy, choose the of Rsense to give 100mV:
Rsense = 0.1/1.0 = 0.1
The transconductance using a 120
resistor will be 10mA/V.
Choose Rout to give Vout = 3.3V, when Vsense = 100mV
Rearranging equation 1 without the offset error gives:
Rout = (Vout x Rshunt) / (1.2 x ILoad x Rsense)
Rout = 3.3k
Now consider the offset error for this resistor:
Offset due to supply current = Rout x 4x10
-6µA = 13.2mV = 0.4%
Vsense+
ZXCT
1011
sense-
V
Vin
R sense
Iload = 1A
I out
2
5
4
R
Rshunt
3
out
Rload
Rshunt
120R
3.3V
= 5.0V - 9.0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com