Electronic Components Datasheet Search
  English  ▼

X  

AD7683ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD7683ARM
Description  16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7683ARM Datasheet HTML 8Page - Analog Devices AD7683ARM Datasheet HTML 9Page - Analog Devices AD7683ARM Datasheet HTML 10Page - Analog Devices AD7683ARM Datasheet HTML 11Page - Analog Devices AD7683ARM Datasheet HTML 12Page - Analog Devices AD7683ARM Datasheet HTML 13Page - Analog Devices AD7683ARM Datasheet HTML 14Page - Analog Devices AD7683ARM Datasheet HTML 15Page - Analog Devices AD7683ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD7683
Rev. 0 | Page 15 of 16
OUTLINE DIMENSIONS
0.80
0.60
0.40
8°
0°
4
85
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
3.00
BSC
COPLANARITY
0.10
0.23
0.08
COMPLIANT TO JEDEC STANDARDS MO-187AA
Figure 26. 8-Lead Micro Small Outline Package [MSOP]
(RM-8)
Dimensions Shown in Millimeters
3.00
BSC SQ
INDEX
AREA
TOP VIEW
1.50
BCS SQ
1.74
1.64
1.49
2.48
2.38
2.23
1
4
8
5
0.65
BSC
0.50
0.40
0.30
0.80
0.75
0.70
0.05 MAX
0.02 NOM
SEATING
PLANE
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.55 TYP
SIDE VIEW
EXPOSED
PAD
(BOTTOM VIEW)
PIN 1
INDICATOR
PADDLE CONNECTED TO GND.
THIS CONNECTION IS NOT
REQUIRED TO MEET THE
ELECTRICAL PERFORMANCES
Figure 27. 8-Terminal Quad Flat No Lead Package[QFN1 (LFCSP)]
3 mm × 3 mm Body
(CP-8-9)
Dimensions Shown in Millimeters
ORDERING GUIDE
Models
Integral Nonlinearity
Temperature Range
Package (Option)
Transport Media,
Quantity
Branding
AD7683ARM
±6 LSB max
–40°C to +85°C
MSOP (RM-8)
Tube, 50
C1L
AD7683ARMRL7
±6 LSB max
–40°C to +85°C
MSOP (RM-8)
Reel, 1,000
C1L
AD7683BRM
±3 LSB max
–40°C to +85°C
MSOP (RM-8)
Tube, 50
C1C
AD7683BRMRL7
±3 LSB max
–40°C to +85°C
MSOP (RM-8)
Reel, 1,000
C1C
EVAL-AD7683CB2
Evaluation Board
EVAL-CONTROL BRD23
Controller Board
EVAL-CONTROL BRD33
Controller Board
1 QFN package in development. Contact factory for samples and availability.
2 This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRDx for evaluation/demonstration purposes.
3 These boards allow a PC to control and communicate with all Analog Devices’ evaluation boards ending in the CB designators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com