Electronic Components Datasheet Search
  English  ▼

X  

GC005 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # GC005
Description  AC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

GC005 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  GC005 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. GC005 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD. GC005 Datasheet HTML 3Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES:
Universal Input 90~264VAC
High Efficiency Up To 82%
Protection: Short Circuit /Overload/Over Voltage
Internal Input Filter
3 Years Warranty
ROHS Compliant
AC-DC Converter
GA/B/C005 SERIES
5Watt
3KV Isolated
Single Output
Module
Specifications typical at TA=25°C, nominal input voltage
and rated output current unless otherwise specified
Part Number
Output
Wattage
Output
Volatge
Output
Current
Ripple &
Noise
Efficiency
(W)
Vdc
mA
(mV)
max(Note2)
%(TYP)
GX005-S03
4.0
3.3
1200
100
72
GX005-S05
5.0
5
1000
100
75
GX005-S06
5.1
6
850
100
75
GX005-S07
5.1
7
725
100
75
GX005-S08
5.0
8
625
100
75
GX005-S09
5.4
9
600
100
78
GX005-S10
6.0
10
600
100
78
GX005-S12
6.0
12
500
100
80
GX005-S13
6.0
13
460
150
80
GX005-S14
6.0
14
425
150
80
GX005-S15
6.0
15
400
150
80
GX005-S16
6.0
16
375
150
80
GX005-S18
6.0
18
333
200
81
GX005-S24
6.0
24
250
240
82
GX005-S27
6.0
27
220
240
82
GX005-S36
6.0
36
167
240
82
GX005-S48
6.0
48
125
240
82
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:o 2017/6/20
GA/B/C005 SERIES
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Rated Input
Voltage
Vo,Io nom
100-240
Vac
Voltage Range
Vo,Io nom
AC in
90
264
Vac
DC in
120
370
Vdc
Line Frequency
Vi nom.Io nom
47
50/60
63
Hz
Inrush Current
Io nom
Vi:115VAC
10
A
Vi:230VAC
20
A
Input Current
(Full load)
110mA Max.(115Vac) 70mA Max.(230Vac)
Input Fuse
VDE/UL/CCC FUSE 2.5A/250V (Slow blow).
GA005
GB005
GC005
Notes:
1.”X” Represent module version
A: Represent module version with enclosure;
B: Represent open frame version without enclosure;
C: Represent wired module version with enclosure.
2.Ripple & noise is measured by using 20 MHz bandwidth, measured with a 47uf paralleled
with a high-frequency 0.47uf capacitor arcoss each output by full load.
3. Only GA005 series by UL
US
C


Similar Part No. - GC005

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
GC003-S03 YUANDEAN-GC003-S03 Datasheet
1Mb / 3P
AC-DC Converter
GC003-S05 YUANDEAN-GC003-S05 Datasheet
1Mb / 3P
AC-DC Converter
GC003-S06 YUANDEAN-GC003-S06 Datasheet
1Mb / 3P
AC-DC Converter
GC003-S07 YUANDEAN-GC003-S07 Datasheet
1Mb / 3P
AC-DC Converter
GC003-S08 YUANDEAN-GC003-S08 Datasheet
1Mb / 3P
AC-DC Converter
More results

Similar Description - GC005

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
ac-dc converter
logo
Rohm
BP5716 ROHM-BP5716 Datasheet
509Kb / 4P
AC/DC converter
BP5081B15 ROHM-BP5081B15 Datasheet
497Kb / 3P
AC/DC converter
logo
MORNSUN Science& Techno...
LH25-10B18 MORNSUN-LH25-10B18 Datasheet
253Kb / 2P
AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com