Electronic Components Datasheet Search
  English  ▼

X  

GC005 Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # GC005
Description  AC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

GC005 Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  GC005 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. GC005 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD. GC005 Datasheet HTML 3Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Output Voltage
Accuracy
Vi nom,
Io nom
3.3V,5V
Models
±3
%
12….48V
Models
±2
Minimun load
Vi nom
0
%
Line regulation
Io nom,
Vi min…Vi max
±1
%
Load regulation
Vi nom,
Io min…Io nom
±2
%
Transient
recovery time
Vi nom,Io nom
=I←→0.5 Io nom
1000
u
s
Protection
Overload
Above 110% rated output power
Protection type: Recovers
automatically after fault condition is
removed
Short Circuit
Recovers automatically after fault
condition is removed
Over Voltage
120%-150% rated output Voltage
Protection type: Zener diode
clamp
Part Number
GA/B/C005 SERIES
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:o 2017/6/20
Temperature Derating Graph
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Switching
Frequency
Vi nom,Io nom
65
KHz
Isolation
Voltage
Input / output
3.0KVac/ 5mA/5Secs
Isolation
Resistance
Input / output,@500Vdc
100
MΩ
Ambient
Temperature
Operating at Vi nom,Io nom
-20
+70
℃
Derating
Vi nom,Io nom+51 to 71℃
2
%/℃
Storage
Temperature
Nom operational
-40
+85
℃
Relative
Humidity
Vi nom,Io nom
95
% RH
Dimension
GA005/GC005 L50.80 x W25.40 x H17.02,
GB005 L48.5 x W23.0 x H16.0
mm
Cooling
Free air convection
Ambient Temperature(℃)
100
75
60
50
25
0
-20
50
70
Nature Convection
Circuit Schematic
Rectifier
Line
Filter
Inrush Current
Limiter and
Rectifier
Switching
Device
Control
Circuit
Opto-
Isolation
Reference &
Error Amp
L
N
Vo +
Vo -
Fuse



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com