Electronic Components Datasheet Search
  English  ▼

X  

MSM80C50 Datasheet(PDF) 15 Page - OKI electronic componets

Part # MSM80C50
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C50 Datasheet(HTML) 15 Page - OKI electronic componets

Back Button MSM80C50 Datasheet HTML 11Page - OKI electronic componets MSM80C50 Datasheet HTML 12Page - OKI electronic componets MSM80C50 Datasheet HTML 13Page - OKI electronic componets MSM80C50 Datasheet HTML 14Page - OKI electronic componets MSM80C50 Datasheet HTML 15Page - OKI electronic componets MSM80C50 Datasheet HTML 16Page - OKI electronic componets MSM80C50 Datasheet HTML 17Page - OKI electronic componets MSM80C50 Datasheet HTML 18Page - OKI electronic componets MSM80C50 Datasheet HTML 19Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
output data changes from "0" to "1", thus speeding up the rise time of the output signals.
When these ports are used as input ports, the internal pull-up resistor becomes approximately
9 kW when input data is "1".
The internal pull-up resistor rises to approximately 100 kW when input data is "0".
Thus, a high noise margin can be obtained by selecting the impedance and thus the outflow
of current is minimized whenever these ports are used as output or input ports.
3.3 Clock generation control via the SS pin
When the crystal oscillator is halted in the HLTS or hardware power-down mode, the SS
pin is pulled down by a resistor of 20 to 50 kW, while its internal pull-up resistor of 200 to
500kW is isolated from VCC. When the power-down mode is cancelled, the internal resistor
of the SS pin is changed from pull-down to pull-up. Consequently, the CPU can be halted
for any period of time until the crystal oscillator resumes normal oscillation when a
capacitor is connected to the SS pin.
4.
Power-Down Mode
The MSM80C48, MSM80C49, and MSM80C50 power-down mode can be enabled in two
different ways through software by a combination of clock control and port floating
instructions, and through hardware by control of the VDD pin.
4.1 Software power-down mode
Power-down mode can be done by a combination of the following instructions.
(1) HALT (clock supply halt to control circuit)
Instruction code :
Description :
Although crystal oscillator operation is continued, the clock supply to
the CPU control circuit is halted and CPU operations are suspended.
When cancelling this software mode, restart is accomplished without
oscillator wait.
(2) HLTS (oscillation stop)
Instruction code :
Description :
The oscillator operation is halted and CPU operations are suspended. In
cancelling this power down mode, connecting a capacitor to the SS pin
enables a reasonable wait period to be accomplished before normal
operation is resumed. [Except in the case of using the RESET pin]
(3) FLT (floating P10-7, P20-7, and BP0-7)
Instruction code :
Description :
00000001
10000010
10100010
P1
P2
BP
Internal ROM mode
Floating
Floating
Floating
External ROM mode
Floating
P20-3 operation
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com