Electronic Components Datasheet Search
  English  ▼

X  

MSM80C50 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM80C50
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C50 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM80C50 Datasheet HTML 12Page - OKI electronic componets MSM80C50 Datasheet HTML 13Page - OKI electronic componets MSM80C50 Datasheet HTML 14Page - OKI electronic componets MSM80C50 Datasheet HTML 15Page - OKI electronic componets MSM80C50 Datasheet HTML 16Page - OKI electronic componets MSM80C50 Datasheet HTML 17Page - OKI electronic componets MSM80C50 Datasheet HTML 18Page - OKI electronic componets MSM80C50 Datasheet HTML 19Page - OKI electronic componets MSM80C50 Datasheet HTML 20Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
4.3 Hardware power-down mode
In the MSM80C48, MSM80C49 and MSM80C50, forcing the level at the VDD pin to a "0"
during either external ROM or internal ROM mode results in suspension of the oscillator
function and subsequent floating (high impedance) of all the I/O pins except the RESET,
SS and XTAL 1/2 pins. The CPU is thereby stopped while maintaining internal status.
4.4 Cancellation of hardware power-down mode
(1) Use of RESET pin
m
The clock generator is activated and the CPU started up when a "1" level is applied to
the VDD pin while a "0" level is input to the RESET pin. If this "0" level is kept applied
to the RESET pin until oscillation become stable, the CPU will be reset and will start
executing from address 0.
(2) Use of the INT pin during external interrupt enable status (i.e. following execution of EN
I instruction)
m
The clock generator is activated and the CPU started up when a "1" level is applied to
the VDD pin while a "0" level is applied to the INT pin. If this "0" level is maintained
until the occurrence of at least 2 ALE output signals, an external interrupt is generated,
and execution starts from address 3.
However, if the power-down mode is started during an interrupt processing routine,
execution will be continued on the next instruction after the present instruction.
(3) Use of the INT pin during external interrupt disable mode (i.e. following excution of DIS
I instruction or hardware reset)
m
The clock generator is activated and the CPU started up when a "1" level is applied to
the VDD pin while a "0" level is applied to the INT pin. If this "0" level is maintained
until the occurrence of at least 2 ALE output signals, execution is continued on the next
instruction after the present instruction.
(4) Use of VDD pin only
m
The clock generator is activated and the CPU started up when a "1" level is applied to
the VDD pin while a "1" level is also applied to both the RESET and INT pins. In this
case, execution is resumed from the stopped position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com