Electronic Components Datasheet Search
  English  ▼

X  

MPC885ZP66 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
Freescale Semiconductor
7
Features
The MPC885 block diagram is shown in Figure 1.
Figure 1. MPC885 Block Diagram
Bus
System Interface Unit (SIU)
Embedded
Parallel I/O
Memory Controller
4
Timers
Interrupt
Controllers
8-Kbyte
Dual-Port RAM
System Functions
8-Kbyte
Instruction Cache
32-Entry ITLB
Instruction MMU
8-Kbyte
Data Cache
32-Entry DTLB
Data MMU
Instruction
Bus
Load/Store
Bus
Unified
4 Baud Rate
Generators
Parallel Interface Port
Internal
Bus Interface
Unit
External
Bus Interface
Unit
Timers
32-Bit RISC Controller
and Program
ROM
Serial Interface
I2C
SPI
SMC2
SMC1
MPC8xx
Processor
Core
SCC2
Serial Interface
PCMCIA-ATA Interface
Virtual IDMA
and
Serial DMAs
SCC4/
Security Engine
AESU
DEU
MDEU
Controller
Channel
DMAs
FIFOs
10/100
MIII/RMII
BaseT
Media Access
Control
Fast Ethernet
Controller
UTOPIA
SCC3
USB
Slave/Master IF
Time Slot Assigner
DMAs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com