Electronic Components Datasheet Search
  English  ▼

X  

MPC885ZP66 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
87
Freescale Semiconductor
Mechanical Data and Ordering Information
PE14
RXD3
MII2-TXD0
RMII2-TXD0
V7
Bidirectional
TMS
V18
Input
TDI
DSDI
T16
Input
TCK
DSCK
U17
Input
TRST
W18
Input
TDO
DSDO
T17
Output
MII1_CRS
T11
Input
MII_MDIO
P19
Bidirectional
MII1_TXEN
RMII1_TXEN
T5
Output
MII1_COL
U12
Input
VSSSYN1
C2
PLL analog VDD and GND
VSSSYN
E4
Power
VDDLSYN
B2
Power
GND
G6, G7, G8, G9, G10, G11, G12, G13, H7, H8, H9, H10, H11, H12, H13,
H14, J7, J8, J9, J10, J11, J12, J13, K7, K8, K9, K10, K11, K12, K13, L7,
L8, L9, L10, L11, L12, L13, M7, M8, M9, M10, M11, M12, M13, N7, N8,
N9, N10, N11, N12, N13, N14, P7, P13, R16
Power
VDDL
E5, E6, E9, E11, E14, G15, H5, J5, J15, K15, L5, M15, N5, R6, R9, R10,
R12, R15
Power
VDDH
E7, E8, E10, E12, E13, E15, F5, F6, F7, F8, F9, F10, F11, F12, F13,
F14, F15, G5, G14, H6, H15, J6, J14, K5, K6, K14, L6, L14, L15, M5,
M6, M14, N6, N15, P5, P6, P8, P9, P10, P11, P12, P14, P15, R5, R7,
R8, R11, R13, R14
Power
N/C
N17
No-connect
1 ESAR mode only.
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com