Electronic Components Datasheet Search
  English  ▼

X  

MSM80C85 Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM80C85 Datasheet HTML 10Page - OKI electronic componets MSM80C85 Datasheet HTML 11Page - OKI electronic componets MSM80C85 Datasheet HTML 12Page - OKI electronic componets MSM80C85 Datasheet HTML 13Page - OKI electronic componets MSM80C85 Datasheet HTML 14Page - OKI electronic componets MSM80C85 Datasheet HTML 15Page - OKI electronic componets MSM80C85 Datasheet HTML 16Page - OKI electronic componets MSM80C85 Datasheet HTML 17Page - OKI electronic componets MSM80C85 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
AC CHARACTERISTICS
Parameter
Symbol
Condition
Min.
Max.
Unit
CLY Cycle Period
tCYC
tCYC=200 ns
CL=150 pF
200
2000
ns
CLY Low Time
t1
40
—
ns
CLY High Time
t2
70
—
ns
CLY Rise and Fall Time
tr, tf
—30
ns
X1 Rising to CLK Rising
tXKR
25
120
ns
X1 Rising to CKK Falling
tXKF
30
150
ns
A8~15 Valid to Leading Edge of Control (1)
tAC
115
—
ns
AD0~7 Valid to Leading Edge of Control
tACL
115
—
ns
AD0~15 Valid Data in
tAD
—
350
ns
Address Float After Leading Edge of RD INTA
tAFR
—0
ns
A8~15 Valid Before Trailing Edge of ALE (1)
tAL
50
—
ns
AD0~7 Valid Before Trailing Edge of ALE
tALL
50
—
ns
READY Valid from Address Valid
tARY
—
100
ns
Address (A8~15) Valid After Control
tCA
60
—
ns
Width of Control Law (RD, WR, INTA)tCC
230
—
ns
Trailing Edge of Control to Leading Edges of ALE
tCL
25
—
ns
Data Valid to Trailing Edge of WR
tDW
230
—
ns
HLDA to Bus Enable
tHABE
—
150
ns
Bus Float After HLDA
tHABF
—
150
ns
HLDA Valid to Trailing Edge of CLK
tHACK
40
—
ns
HOLD Hold Time
tHDH
0—
ns
HOLD Step Up Time to Trailing Edge of CLK
tHDS
120
—
ns
INTR Hold Time
tINH
0—
ns
INTR, RST and TRAP Setup Time to Falling Edge of CLK
tINS
150
—
ns
Address Hold Time After ALE
tLA
50
—
ns
Trailing Edge of ALE to Leading Edge of Control
tLC
60
—
ns
ALE Low During CLK High
tLCK
50
—
ns
ALE to Valid Data During Read
tLDR
—
270
ns
ALE to Valid Data During Write
tLDW
—
140
ns
ALE Width
tLL
80
—
ns
ALE to READY Stable
tLRY
—30
ns
Trailing Edge of RD to Re-enabling of Address
tRAE
90
—
ns
RD (or INTA) to Valid Data
tRD
—
150
ns
Control Trailing Edge to Leading Edge of Next Control
tRV
220
—
ns
Data Hold Time After RD INTA (7)
tRDH
0—
ns
READY Hold Time
tRYH
0—
ns
READY Setup Time to Leading Edge of CLK
tRYS
100
—
ns
Data Valid After Trailing Edge of WR
tWD
60
—
ns
LEADING Edge of WR to Data Vaild
tWDL
—20
ns
(Ta = –40°C ~ 85°C, VCC = 4.5 V ~ 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com