Electronic Components Datasheet Search
  English  ▼

X  

MSM80C85 Datasheet(PDF) 15 Page - OKI electronic componets

Part # MSM80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85 Datasheet(HTML) 15 Page - OKI electronic componets

Back Button MSM80C85 Datasheet HTML 11Page - OKI electronic componets MSM80C85 Datasheet HTML 12Page - OKI electronic componets MSM80C85 Datasheet HTML 13Page - OKI electronic componets MSM80C85 Datasheet HTML 14Page - OKI electronic componets MSM80C85 Datasheet HTML 15Page - OKI electronic componets MSM80C85 Datasheet HTML 16Page - OKI electronic componets MSM80C85 Datasheet HTML 17Page - OKI electronic componets MSM80C85 Datasheet HTML 18Page - OKI electronic componets MSM80C85 Datasheet HTML 19Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
Notes: (1) A8 - A15 address Specs apply to IO/M, S0 and S1.
(2) Test condition: tCYC=200 ns CL=150 pF
(3) For all output timing where CL=150 pF use the following correction factors:
25 pF £ CL < 150 pF : –0.10ns/pF
150 pF < CL £ 200 pF : +0.30ns/pF
(4) Output timings are measured with purely capacitive load.
(5) All timings are measured to output voltage VL=0.8 V, VH=2.2 V, and 1.5 V
with 10 ns rise and fall time on inputs.
(6) To calculate timing specifications at other values of tCYC use Table 7.
(7) Data hold time is guaranteed under all loading conditions.
2.4
Test Points
2.2
2.2
0.8
0.8
0.45
Input Waveform for A.C. Tests:
(1/2)T - 50
tAL
Min
(Ta = -40°C - +85°C, VCC = 4.5 V - 5.5 V, CL = 150 pF)
(1/2)T - 50
tLA
Min
(1/2)T - 20
tLL
Min
(1/2)T - 50
tLCK
Min
(1/2)T - 40
tLC
Min
(5/2+N)T - 150
tAD
Max
(3/2+N)T - 150
tRD
Max
(1/2)T - 10
tRAE
Min
(1/2)T - 40
tCA
Min
(3/2+N)T -70
tDW
Min
(1/2)T - 40
tWD
Min
(3/2+N)T - 70
tCC
Min
(1/2)T - 75
tCL
Min
(3/2)T - 200
tARY
Max
(1/2)T - 60
tHACK
Min
(1/2)T + 50
tHABF
Max
(1/2)T + 50
(2/2)T - 85
tHABE
Max
tAC
Min
(1/2)T - 60
t1
Min
(1/2)T - 30
t2
Min
(3/2)T - 80
tRV
Min
tLDR
Max
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
MSM80C85AH
Table 7 Bus Timing Specification as a TCYC Dependent
Note: N is equal to the total WAIT states.
T = tCYC
(2+N)T -130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com