Electronic Components Datasheet Search
  English  ▼

X  

PCM1791A Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1791A
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1791A Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM1791A Datasheet HTML 45Page - Texas Instruments PCM1791A Datasheet HTML 46Page - Texas Instruments PCM1791A Datasheet HTML 47Page - Texas Instruments PCM1791A Datasheet HTML 48Page - Texas Instruments PCM1791A Datasheet HTML 49Page - Texas Instruments PCM1791A Datasheet HTML 50Page - Texas Instruments PCM1791A Datasheet HTML 51Page - Texas Instruments PCM1791A Datasheet HTML 52Page - Texas Instruments PCM1791A Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
PCM1791A
SLES071A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
49
Audio Fields
The audio field is 32 bits in length and the audio data is transferred MSB first, so the other fields must be stuffed with
0s as shown in the following example.
31
16
12
8
7
4 3
0
audio data
MSB
24 bits
LSB
All 0s
TDMCA Register Requirements
TDMCA mode requires device ID and audio channel information, previously described. The OPE bit in register 19
indicates audio channel availability and register 23 indicates the device ID. Register 23 is used only in the TDMCA
mode. See the mode control register map (Table 4).
Register Write/Read Operation
The command supports register write and read operations. If the command requests to read one register, the read
data is transferred on DO during the data phase of the timing cycle. The DI signal can be retrieved at the positive
edge of BCK, and the DO signal is driven at the negative edge of BCK. DO is activated one BCK cycle early to
compensate for the output delay caused by high impedance. Figure 58 shows the TDMCA write and read timing.
BCK
DI
DO
DOEN
(Internal)
1 BCK Early
Read Mode and Proper Register ID
Write Data Retrieved, if Write Mode
Read Data Driven, if Read Mode
Register ID Phase
Data Phase
Figure 58. TDMCA Write and Read Operation Timing
TDMCA-Mode Operation
DCO specifies the owner of the next audio channel in TDMCA-mode operation. When a device retrieves its own audio
channel data, DCO goes HIGH during the last audio channel period. Figure 59 shows the DCO output timing in
TDMCA-mode operation. The host controller ignores the behavior of DCI and DCO. DCO indicates the last audio
channel of each device. Therefore, DCI means the next audio channel is allocated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com