Electronic Components Datasheet Search
  English  ▼

X  

PCM1791A Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1791A
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1791A Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1791A Datasheet HTML 24Page - Texas Instruments PCM1791A Datasheet HTML 25Page - Texas Instruments PCM1791A Datasheet HTML 26Page - Texas Instruments PCM1791A Datasheet HTML 27Page - Texas Instruments PCM1791A Datasheet HTML 28Page - Texas Instruments PCM1791A Datasheet HTML 29Page - Texas Instruments PCM1791A Datasheet HTML 30Page - Texas Instruments PCM1791A Datasheet HTML 31Page - Texas Instruments PCM1791A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
PCM1791A
SLES071A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
28
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 18
R/W
0
0
1
0
0
1
0
ATLD
FMT2
FMT1
FMT0
DMF1
DMF0
DME
MUTE
R/W: Read/Write Mode Select
When R/W = 0, a write operaton is performed.
When R/W = 1, a read operaton is performed.
Default value: 0
ATLD: Attenuation Load Control
This bit is available for read and write.
Default value: 0
ATLD = 0
Attenuation control disabled (default)
ATLD = 1
Attenuation control enabled
The ATLD bit enables loading of the attenuation data contained in registers 16 and 17. When ATLD = 0, the
attenuation settings remain at the previously programmed levels, ignoring new data loaded from registers 16 and
17. When ATLD = 1, attenuation data written to registers 16 and 17 is loaded normally.
FMT[2:0]: Audio Interface Data Format
These bits are available for read and write.
Default value: 101
FMT[2:0]
Audio Data Format Selection
000
16-bit standard format, right-justified data
001
20-bit standard format, right-justified data
010
24-bit standard format, right-justified data
011
24-bit MSB-first, left-justified format data
100
16-bit I2S format data
101
24-bit I2S format data (default)
110
Reserved
111
Reserved
The FMT[2:0] bits select the data format for the serial audio interface.
For the external digital filter interface mode (DFTH mode), this register is operated as shown in the
APPLICATION
FOR EXTERNAL DIGITAL FILTER INTERFACE section of this data sheet.
DMF[1:0]: Sampling Frequency Selection for the De-Emphasis Function
These bits are available for read and write.
Default value: 00
DMF[1:0]
De-Emphasis Sampling Frequency Selection
00
Disabled (default)
01
48 kHz
10
44.1 kHz
11
32 kHz
The DMF[1:0] bits select the sampling frequency used by the digital de-emphasis function when it is enabled by
setting the DME bit. The de-emphasis curves are shown in the TYPICAL PERFORMANCE CURVES section of this
data sheet.
For the DSD mode, analog FIR filter performance can be selected using this register. A register map and filter
response plots are shown in the APPLICATION FOR DSD FORMAT (DSD MODE) INTERFACE section of this data
sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com