Electronic Components Datasheet Search
  English  ▼

X  

M80C85 Datasheet(PDF) 9 Page - OKI electronic componets

Part # M80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

M80C85 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button M80C85 Datasheet HTML 5Page - OKI electronic componets M80C85 Datasheet HTML 6Page - OKI electronic componets M80C85 Datasheet HTML 7Page - OKI electronic componets M80C85 Datasheet HTML 8Page - OKI electronic componets M80C85 Datasheet HTML 9Page - OKI electronic componets M80C85 Datasheet HTML 10Page - OKI electronic componets M80C85 Datasheet HTML 11Page - OKI electronic componets M80C85 Datasheet HTML 12Page - OKI electronic componets M80C85 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
BASIC SYSTEM TIMING
The MSM80C85AH has a multiplexed Data Bus. ALE is used as a strobe to sample the lower
8-bits of address on the Data Bus. Figure 5 shows an instruction fetch, memory read and I/O
write cycle (as would occur during processing of the OUT instruction). Note that during the I/
O write and read cycle that the I/O port address is copied on both the upper and lower half of
the address.
There are seven possible types of machine cycles. Which of these seven takes place is defined
by the status of the three status lines (IO/M, S1, S0) and the three control signals (RD, WR,and
INTA). (See Table 2.) The status line can be used as advanced controls (for device selection, for
example), since they become active at the T1 state, at the outset of each machine cycle. Control
lines RD and WR become active later, at the time when the transfer of data is to take place, so
are used as command lines.
A machine cycle normally consists of three T states, with the exception of OPCODE FETCH,
which normally has either four or six T states (unless WAIT or HOLD states are forced by the
receipt of READY or HOLD inputs). Any T state must be one of ten possible states, shown in
Table 3.
Memory Read
O
O
Memory Write
I/O Read
1
1
I/O Write
(MR)
Opcode Fetch
0
(OF)
(MW)
(IOR)
Acknowledge of INTR
1
(INA)
(IOW)
Bus Idle
0
1
TS
1
0
1
0
1
1
1
1
0
O
1
O
1
1
1
0
1
0
O
1
O
1
0
1
1
1
TS
1
0
1
0
1
1
1
1
TS
1
1
1
1
1
IO/
M
S1
S0
RD
WR
INTA
Machine Cycle
Status
Control
0
1
1
1
(BI): DAD
ACK. OF
RST, TRAP
HALT
Table 2 MSM80C85AH Machine Cycle Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com