Electronic Components Datasheet Search
  English  ▼

X  

M80C85 Datasheet(PDF) 2 Page - OKI electronic componets

Part # M80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

M80C85 Datasheet(HTML) 2 Page - OKI electronic componets

  M80C85 Datasheet HTML 1Page - OKI electronic componets M80C85 Datasheet HTML 2Page - OKI electronic componets M80C85 Datasheet HTML 3Page - OKI electronic componets M80C85 Datasheet HTML 4Page - OKI electronic componets M80C85 Datasheet HTML 5Page - OKI electronic componets M80C85 Datasheet HTML 6Page - OKI electronic componets M80C85 Datasheet HTML 7Page - OKI electronic componets M80C85 Datasheet HTML 8Page - OKI electronic componets M80C85 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
FUNCTIONAL BLOCK DIAGRAM
INTR INTA
5.5 6.5
7.5 TRAP
SID
SOD
RST
Power Down
Temporary Register
(8)
Arithmetic
Logic Unit
ALU(8)
Instruction
Register (8)
Instruction
Decoder
And
Machine
Cycle
Encoding
Flag (5)
Flip Flops
CLK
GEN
Timing And Control
Control
Status
DMA
Reset
Address Buffer (8)
Data/Address
Buffer (8)
Stack Pointer (16)
Program Counter (16)
Register
Array
Incrementer/Decrementer
Address Latch (16)
H REG (8)
D REG (8)
B REG (8)
C REG (8)
E REG (8)
C REG (8)
8-Bit Internal Data Bus
X
1
X
2
CLK
OUT
READY RD WR ALE
S0
S1 IO / M HOLD HLDA RESET IN RESET OUT
A
15 - A8
Address Bus
AD
7 - AD0
Address/Data Bus
Interrupt Control
Serial I/O Control
Accumulator
(8)
Power
Supply
+5V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com