Electronic Components Datasheet Search
  English  ▼

X  

MSM80C40 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM80C40
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C40 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM80C40 Datasheet HTML 1Page - OKI electronic componets MSM80C40 Datasheet HTML 2Page - OKI electronic componets MSM80C40 Datasheet HTML 3Page - OKI electronic componets MSM80C40 Datasheet HTML 4Page - OKI electronic componets MSM80C40 Datasheet HTML 5Page - OKI electronic componets MSM80C40 Datasheet HTML 6Page - OKI electronic componets MSM80C40 Datasheet HTML 7Page - OKI electronic componets MSM80C40 Datasheet HTML 8Page - OKI electronic componets MSM80C40 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
PIN DESCRIPTIONS
Symbol
Type
Description
P10-P17
(PORT 1)
8-bit quasi-bidirectional port
I/O
P20-P27
(PORT 2)
8-bit quasi-bidirectional port
The high-order four bits of external program memory addresses can be output
from P2.0-P2.3, to which the I/O expander MSM82C43RS may also be connected.
I/O
DB0-DB7
(BUS)
Bidirectional port
The low-order eight bits of external program memory address can be output
from this port, and the addressed instruction is fetched under the control of
PSEN signal. Also, the external data memory address is output, and data is
read and written synchronously using RD and WR signals.
The port can also serve as either a statically latched output port or a
non-latching input port.
I/O
T0
(Test 0)
The input can be tested with the conditional jump instructions JT0 and JNT0.
The execution of the ENT0 CLK instruction causes a clock output.
I/O
T1
(Test 1)
The input can be tested with the conditional jump instructions JT1 and JNT1.
The execution of a STRT CNT instruction causes an internal counter input.
I
INT
(Interrupt)
Interrupt input. If interrupt is enabled, INT input initiates an interrupt.
Interrupt is disabled after a reset.
Also testable with a JNI instruction. Can be used to terminate the power-down
mode. (Active "0" level)
I
RD
(Read)
A signal to read data from external data memory. (Active "0" level)
O
WR
(Write)
A signal to write data to external data memory. (Active "0" level)
O
ALE
Address &
Data Latch
Clock
This signal is generated in each cycle. It may be used as a clock output.
External data memory or external program memory is addressed upon the
falling edge. For the external ROM, this signal is used to latch the bus port data
upon the ALE signal rise-up after the execution of the OUTL BUS, A instruction.
O
PSEN Program
Store Enable
A signal to fetch an instruction from external program memory
(Active "0" level)
O
RESET
RESET input initialize the processor. (Active "0" level)
Used to terminate the power-down mode.
I
SS
(Single Step)
A program is executed step by step. This pin can also be used to control
internal oscillation when the power-down mode is reset.
(Active "0" level)
I
EA
(External Access)
When held at high level, all instructions are fetched from external memory.
(Active "1" level)
I
PROG
(Expander Strobe)
This output strobes the MSM82C43RS I/O expander.
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com