Electronic Components Datasheet Search
  English  ▼

X  

MSM80C40 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM80C40
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C40 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM80C40 Datasheet HTML 4Page - OKI electronic componets MSM80C40 Datasheet HTML 5Page - OKI electronic componets MSM80C40 Datasheet HTML 6Page - OKI electronic componets MSM80C40 Datasheet HTML 7Page - OKI electronic componets MSM80C40 Datasheet HTML 8Page - OKI electronic componets MSM80C40 Datasheet HTML 9Page - OKI electronic componets MSM80C40 Datasheet HTML 10Page - OKI electronic componets MSM80C40 Datasheet HTML 11Page - OKI electronic componets MSM80C40 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Typ.
Min.
Max.
Unit
Mea-
suring
Circuit
"L" Input Voltage
VIL
—
–0.5
—
0.13 VCC
V
"H" Input Voltage *1
VIH
—
0.4 VCC
—VCC
V
"H" Input Voltage *2
VIH
—
0.7 VCC
—VCC
V
"L" Output Voltage *3
VOL
IOL=2 mA
—
—
0.45
V
"L" Output Voltage *4
VOL
IOL=1.6 mA
—
—
0.45
V
1
"H" Output Voltage *3
VOH
IOH=–400 mA
0.75 VCC
——
V
"H" Output Voltage *4
VOH
IOH=–50 mA
0.75 VCC
——
V
"H" Output Voltage *3
VOH
IOH=–20 mA
0.93 VCC
——
V
"H" Output Voltage *4
VOH
IOH=–10 mA
0.93 VCC
——
V
Input Leakage Curent
IIL
VSS £ VIN £ VCC
——±5
mA2
Output Leakage Current *5
IOL
VSS £ VO £ VCC
——±5
mA3
RESET Input current
IR
VIN=0.7 VCC
–20
–50
–80
mA
VIN=0.13 VCC
–3
–8
–15
mA
2
SS Input current *6
ISS
Pull-up (VIN=VIL)
205080
mA
Pull-down (VIN=VIH)
–6
–15
–25
mA
P1, P2 input current
IP1, IP2
VIN=VIH
–300
–600
–900
mA
2
VIN=VIL
–10
–40
–80
mA
At hardware power down *7
Ta=25°C, VCC=2.0 V
——10
Power Down Mode
Standby Current
ICCS
At HLTS execution *7
Ta=25°C, VCC=2.0 V
——10
mA
VCC=4 V, f=1 MHz
—
—
0.5
VCC=4 V, f=6 MHz
—
—
1.0
VCC=4 V, f=11 MHz
—
—
2.0
VCC=5 V, f=1 MHz
—
—
1.0
Power Supply Current
(Halt Mode)
ICC
VCC=5 V, f=6 MHz
—
—
2.0
mA
VCC=5 V, f=11 MHz
—
—
3.0
VCC=6 V, f=1 MHz
—
—
1.5
VCC=6 V, f=6 MHz
—
—
3.0
4
VCC=6 V, f=11 MHz
—
—
5.0
VCC=4 V, f=1 MHz
—
—
1.5
VCC=4 V, f=6 MHz
—
—
5.0
VCC=4 V, f=11 MHz
—
—
10
VCC=5 V, f=1 MHz
—
—
2.5
Power Supply Current
ICC
VCC=5 V, f=6 MHz
—
—
7.5
mA
VCC=5 V, f=11 MHz
—
—
15
VCC=6 V, f=1 MHz
—
—
5.0
VCC=6 V, f=6 MHz
—
—
10
VCC=6 V, f=11 MHz
—
—
20
(VCC=5 V±10%, Ta=–40 to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com