Electronic Components Datasheet Search
  English  ▼

X  

SDC141 Datasheet(PDF) 5 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC141
Description  Switch Hall IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC141 Datasheet(HTML) 5 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC141 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Datasheet
December, 2013 Rev. 1.1
5/10
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Switch Hall IC
SDC141
Electrical Characteristics (Ta=25°C, VCC=4.5V, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply voltage
VCC
-
4
-
24
V
Output saturation voltage
VOUT
IOUT=20mA, B>BOP
-
200
400
mV
Output leakage current
IOFF
VCE=30V, B<BRP
-
0.1
10
uA
Supply current
ICC1
VCC=4.5V, output open
-
2.5
5
mA
ICC2
VCC=24V, output open
-
4.0
6
mA
Output rise time
tr
RL to VCC, CL to GND
RL=820Ω, CL=20 pF
-
0.25
1.5
us
Output fall time
tf
RL to VCC, CL to GND
RL=820Ω, CL=20 pF
-
0.50
1.5
us
Table 4. Electrical Characteristics
Magnetic Characteristics (VCC=4.5V,unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating point
BOP
Ta=120°C
15
65
110
GS
Ta=25°C
10
50
90
GS
Release point
BRP
Ta=120°C
-110
-65
-15
GS
Ta=25°C
-90
-50
-10
GS
Hysteresis
BH
Ta=120°C
120
130
140
GS
Ta=25°C
90
100
110
GS
Table 5. Magnetic Characteristics
Note: when S pole of magnetic is faced to the marked side of IC, the magnetic field is positive.
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com