Electronic Components Datasheet Search
  English  ▼

X  

SDC141 Datasheet(PDF) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC141
Description  Switch Hall IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC141 Datasheet(HTML) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC141 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC141 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Datasheet
December, 2013 Rev. 1.1
1/10
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Switch Hall IC
SDC141
General Description
The SDC141 is a lock-type switch hall IC. It’s composed of
power reverse protection circuit, high stable voltage
regulator, hall voltage generator, a differential amplifier,
schmitt trigger and open collector output. Change of
magnetic field can be converted into digital signal. It can
be used for brushless DC three-phase motors, brushless
DC fans, and speed measurement occasions.
Features
Operating voltage: 4V to 24 V
Built-in temperature compensation circuit
Built-in power reverse protection
Operating temperature: -55°C~150°C
Open collector output
20mA(MAX) output sink current
Operating speed: 0~100kHz above
Package:TO-92S、SOT23-3
Applications
Three-phase brushless DC motor
Brushless DC fan
Tachometer
Speed measurement
Figure 1. Package Type
SOT-23-3
TO-92S
SDC
CONFIDENTIAL
DOCUMENT


Similar Part No. - SDC141

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
SDC1000 CDIL-SDC1000 Datasheet
109Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Superworld Electronics
SDC1002 SUPERWORLD-SDC1002 Datasheet
370Kb / 4P
SMD POWER INDUCTORS
SDC1002100YZF SUPERWORLD-SDC1002100YZF Datasheet
370Kb / 4P
SMD POWER INDUCTORS
SDC1002101YZF SUPERWORLD-SDC1002101YZF Datasheet
370Kb / 4P
SMD POWER INDUCTORS
SDC1002121YZF SUPERWORLD-SDC1002121YZF Datasheet
370Kb / 4P
SMD POWER INDUCTORS
More results

Similar Description - SDC141

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL114 MICRONAS-HAL114 Datasheet
127Kb / 9P
Unipolar Hall Switch IC
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
Hall Effect Switch IC
logo
Shaoxing Devechip Micro...
SDC177 SDC-SDC177 Datasheet
315Kb / 8P
Switch Hall IC
SDC209 SDC-SDC209 Datasheet
350Kb / 9P
Switch Hall IC
SDC266 SDC-SDC266 Datasheet
228Kb / 8P
Switch Hall IC
SDC276 SDC-SDC276 Datasheet
251Kb / 8P
Switch Hall IC
SDC277 SDC-SDC277 Datasheet
252Kb / 8P
Switch Hall IC
SDC477 SDC-SDC477 Datasheet
250Kb / 8P
Switch Hall IC
SDC686 SDC-SDC686 Datasheet
273Kb / 8P
Switch Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com