Electronic Components Datasheet Search
  English  ▼

X  

SDC177 Datasheet(PDF) 7 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC177
Description  Switch Hall IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC177 Datasheet(HTML) 7 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC177 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Datasheet
December, 2013 Rev. 1.2
7/8
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Switch Hall IC
SDC177
Package Dimensions
TO-92S
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.420
1.620
0.056
0.064
A1
0.660
0.860
0.026
0.034
b
0.350
0.480
0.014
0.019
b1
0.380
0.530
0.015
0.021
c
0.360
0.510
0.014
0.020
D
3.900
4.100
0.154
0.161
D1
2.970
3.270
0.117
0.129
E
2.900
3.100
0.116
0.124
e
1.270 TYP.
0.050 TYP.
e1
2.440
2.640
0.096
0.104
L
14.500
14.900
0.580
0.596
θ
45° TYP.
45° TYP.
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com