Electronic Components Datasheet Search
  English  ▼

X  

SDC177 Datasheet(PDF) 8 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC177
Description  Switch Hall IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC177 Datasheet(HTML) 8 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC177 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC177 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Datasheet
December, 2013 Rev. 1.2
8/8
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Switch Hall IC
SDC177
Shaoxing Devechip Microelectronics Co., Ltd.
UUU
http://www.sdc-semi.com/
UUU
IMPORTANT NOTICE
Information in this document is provided solely in connection with Shaoxing Devechip Microelectronics Co., Ltd. (abbr. SDC) products.
SDC reserves the right to make changes, corrections, modifications or improvements, to this document, and the products and services
described herein at anytime, without notice. SDC does not assume any responsibility for use of any its products for any particular
purpose, nor does SDC assume any liability arising out of the application or use of any its products or circuits. SDC does not convey
any license under its patent rights or other rights nor the rights of others.
© 2013 Devechip Microelectronics - All rights reserved
Contact us:
Headquarters of Shaoxing
Address: Tian Mu Road, No13,
Shaoxing city, Zhejiang province, China
Zip code: 312000
Tel: (86) 0575-8861 6750
Fax: (86) 0575-8862 2882
Shenzhen Branch
Address: 22A, Shangbu building, Nan Yuan Road, No.68,
Futian District, Shenzhen city, Guangdong province, China
Zip code: 518031
Tel: (86) 0755-8366 1155
Fax: (86) 0755-8301 8528
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com