Electronic Components Datasheet Search
  English  ▼

X  

SDC477 Datasheet(PDF) 5 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC477
Description  Switch Hall IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC477 Datasheet(HTML) 5 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC477 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Datasheet
December, 2013 Rev. 1. 2
5/8
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Switch Hall IC
SDC477
Magnetic Characteristics (VCC=18V, unless otherwise specified)
BH
BRP
BOP
0
VDO
N
S
BH
BRP
BOP
0
VDOB
N
S
Figure 4. Magnetic Characteristics
Grade A
Parameter
Symbol
Min
Max
Unit
Operate point
BOP
10
41
GS
Release point
BRP
-41
-10
GS
Grade a
Parameter
Symbol
Min
Max
Unit
Operate point
BOP
10
70
GS
Release point
BRP
-70
-10
GS
Grade B
Parameter
Symbol
Min
Max
Unit
Operate point
BOP
-
70
GS
Release point
BRP
-70
-
GS
Grade C
Parameter
Symbol
Min
Max
Unit
Operate point
BOP
-
90
GS
Release point
BRP
-90
-
GS
Grade D
Parameter
Symbol
Min
Max
Unit
Operate point
BOP
-
110
GS
Release point
BRP
-110
-
GS
Table 5. Magnetic Characteristics
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com