Electronic Components Datasheet Search
  English  ▼

X  

SDC477 Datasheet(PDF) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC477
Description  Switch Hall IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC477 Datasheet(HTML) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC477 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
December, 2013 Rev. 1. 2
1/8
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Switch Hall IC
SDC477
General Description
The SDC477, is an integrated Hall sensor with H-bridged
output driver designed for brushless DC motor
applications. The high sensitivity of Hall-effect sensor is
suitable for motors from mini-type CPU coolers to
blowers and DC fans. Typical operation current is 250mA
and operating voltage range is wide.
Features
One-chip hall sensor
Wide operating voltage range: 3.8V~20V
Output sink current up to 250mA
Output thermal shutdown protection
Package : TO-94
Applications
Brushless DC motor
Brushless DC fan
Revolution counting
Speed measurement
Figure 1. Package Type
TO-94
SDC
CONFIDENTIAL
DOCUMENT


Similar Part No. - SDC477

ManufacturerPart #DatasheetDescription
logo
Shaoxing Devechip Micro...
SDC4108 SDC-SDC4108 Datasheet
434Kb / 13P
Current Mode PWM Power Switch
SDC4108Z-E1 SDC-SDC4108Z-E1 Datasheet
434Kb / 13P
Current Mode PWM Power Switch
SDC4108Z-G1 SDC-SDC4108Z-G1 Datasheet
434Kb / 13P
Current Mode PWM Power Switch
SDC4109 SDC-SDC4109 Datasheet
401Kb / 13P
Current Mode PWM Power Switch
SDC4109Z-E1 SDC-SDC4109Z-E1 Datasheet
401Kb / 13P
Current Mode PWM Power Switch
More results

Similar Description - SDC477

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL114 MICRONAS-HAL114 Datasheet
127Kb / 9P
Unipolar Hall Switch IC
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
Hall Effect Switch IC
logo
Shaoxing Devechip Micro...
SDC141 SDC-SDC141 Datasheet
434Kb / 10P
Switch Hall IC
SDC177 SDC-SDC177 Datasheet
315Kb / 8P
Switch Hall IC
SDC209 SDC-SDC209 Datasheet
350Kb / 9P
Switch Hall IC
SDC266 SDC-SDC266 Datasheet
228Kb / 8P
Switch Hall IC
SDC276 SDC-SDC276 Datasheet
251Kb / 8P
Switch Hall IC
SDC277 SDC-SDC277 Datasheet
252Kb / 8P
Switch Hall IC
SDC686 SDC-SDC686 Datasheet
273Kb / 8P
Switch Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com