Electronic Components Datasheet Search
  English  ▼

X  

SDP393 Datasheet(PDF) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDP393
Description  Four-dImensIonal independent comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP393 Datasheet(HTML) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDP393 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
数据手册
December, 2013 Rev. 1.0
4/11
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
四路独立比较器
SDP339
订购信息
SDP339
Circuit Type
Package
DIP-14: Z
SOP-14: U
E1: Pb-free
G1: Halogen-free
TR: Tape Reel
Blank: Tube
X X - X
封装
温度范围
产品编号
标识编号
包装形式
无铅
无卤
无铅
无卤
SOP-14
-40℃~85℃
SDP339UTR-E1
SDP339UTR-G1
SDP339
SDP339G
编带
DIP-14
SDP339Z-E1
SDP339Z-G1
SDP339
SDP339G
管装
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com