Electronic Components Datasheet Search
  English  ▼

X  

SDP393 Datasheet(PDF) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDP393
Description  Four-dImensIonal independent comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP393 Datasheet(HTML) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDP393 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDP393 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
数据手册
December, 2013 Rev. 1.0
6/11
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
四路独立比较器
SDP339
电气特性(除特殊注明外:Ta=25℃,V
CC
=5V)
参数
符号
测试条件
最小值
典型值
最大值
单位
输入失调电压
VIO
VOUT=1.4V,RS:0Ω
-
2.0
5.0
mV
输入偏置电流
IB
IIN+ or IIN- with output in
Linear Range,
IB =(IIN++ IIN-)/2,VCM =0V
-
25
250
nA
输入失调电流
IIO
IIN+- IIN-,VCM =0V
-
5.0
50
nA
共模输入电压范围
VICM
VCC=18V
0
-
VCC-1.5
V
静态电流
ICC
RL=∞
VCC=5V
-
0.45
0.8
mA
VCC=18V
-
0.55
1.0
mA
电压增益
GV
RL≥15kΩ,VCC=18V,
VOUT =1V to 11V
50
200
-
V/mV
大信号响应时间
TRES
VIN=TTL Logic swing,VREF=1.4V,
VRL=5V,RL=5.1kΩ
-
170
-
ns
响应时间
TRES
VRL=5V,RL=5.1kΩ
-
0.6
-
us
输出陷电流
ISINK
VIN-=1V,VIN+=0,VOUT =1.5V
8
20
-
mA
输出饱和压降
VSAT
VIN-=1V,VIN+=0,ISINK ≤ 4mA
-
100
200
mV
输出漏电流
ILEAK
VIN-=0V,VIN+=1V,VOUT =5V
-
0.1
1
nA
表 4. 电气特性
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com